Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSPHS-26 Datasheet (PDF) - Mini-Circuits

JSPHS-26 Datasheet PDF - Mini-Circuits
Part # JSPHS-26
Download  JSPHS-26 Download
File Size   271.84 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50Ohm 180째 Voltage Variable 18 to 26 MHz

JSPHS-26 Datasheet (PDF)

Go To PDF Page Download Datasheet
JSPHS-26 Datasheet PDF - Mini-Circuits

Part # JSPHS-26
Download  JSPHS-26 Click to download

File Size   271.84 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50Ohm 180째 Voltage Variable 18 to 26 MHz

JSPHS-26 Datasheet (HTML) - Mini-Circuits


JSPHS-26 Product details

Features
• good VSWR, 1.3:1 typ.
• low insertion loss, 1.2 dB typ.
• solder-plated J-leads for excellent solderability and strain relief
• aqueous washable

Applications
• IF signal processing




Similar Part No. - JSPHS-26

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSPHS-23 MINI-JSPHS-23 Datasheet
301Kb / 1P
Phase Shifter
JSPHS-23+ MINI-JSPHS-23+ Datasheet
301Kb / 1P
Phase Shifter
JSPHS-2484 MINI-JSPHS-2484 Datasheet
298Kb / 1P
Phase Shifter
JSPHS-2484+ MINI-JSPHS-2484+ Datasheet
298Kb / 1P
Phase Shifter
More results


Similar Description - JSPHS-26

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTENUATORS MINI-ADAPTENUATORS Datasheet
57Kb / 2P
50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
MAV-11A MINI-MAV-11A Datasheet
73Kb / 1P
MAV-11A Monolithic Amplifier 50OHM 50 to 2000 MHz
ZX60-3018G MINI-ZX60-3018G Datasheet
197Kb / 2P
Connectorized Amplifier 50ohm, 20 MHz to 3 GHz
JSPHS-150 MINI-JSPHS-150 Datasheet
185Kb / 1P
Narrow Band Phase Shifter 50ohm 180 Voltage Variable 100 to 150 MHz
JSPHS-446 MINI-JSPHS-446 Datasheet
185Kb / 1P
Narrow Band Phase Shifter 50ohm 180 Voltage Variable 366 to 446 MHz
BTRM-50 MINI-BTRM-50 Datasheet
110Kb / 1P
Termination BNC 50ohm DC to 2000 MHz
logo
Merrimac Industries, In...
PEG-3E-25B MERRIMAC-PEG-3E-25B Datasheet
70Kb / 1P
10 to 500 MHz / Continuous 0째 to 180째 Adjustment / Voltage Controlled / Low Insertion Loss
logo
Analog Devices
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
logo
Renesas Technology Corp
F2258 RENESAS-F2258 Datasheet
2Mb / 25P
Voltage Variable RF Attenuator 50 to 6000 MHz
01/20/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com