Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4130-8 Datasheet (PDF) - Analog Devices

AD4130-8 Datasheet PDF - Analog Devices
Part # AD4130-8
Download  AD4130-8 Download
File Size   3544.14 Kbytes
Page   108 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32 關A, Ultra Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO

AD4130-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4130-8 Datasheet PDF - Analog Devices

Part # AD4130-8
Download  AD4130-8 Click to download

File Size   3544.14 Kbytes
Page   108 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32 關A, Ultra Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO

AD4130-8 Datasheet (HTML) - Analog Devices


AD4130-8 Product details

GENERAL DESCRIPTION
The AD4130-8 is an ultra low power, high precision, measurement
solution for low bandwidth battery operated applications. The fully
integrated analog front end (AFE) includes a multiplexer for up
to 16 single-ended or eight differential inputs, programmable gain
amplifier (PGA), 24-bit sigma-delta (Σ-Δ) analog-to-digital converter
(ADC), on-chip reference and oscillator, selectable filter options,
smart sequencer, sensor biasing and excitation options, diagnostics,
and newly added features to improve the battery-operated
lifetime (more than 5 years on a coin cell), that is, a first in, first out
(FIFO) buffer and duty cycling.
The AD4130-8 allows users to measure low frequency signals
with a current consumption of 28.5 μA (gain = 1) and 32.5 μA
(gain = 128) while continuously converting, and even lower average
currents when using one of the duty cycling options. The AD4130-8
can be configured to have 8 differential inputs or 16 single-ended or
pseudo differential inputs, which connect to a crosspoint multiplexer,
where any input pair can become a measurement channel input
to the PGA and ADC.
The AD4130-8 is designed to allow the user to operate from a
single analog supply voltage from 1.71 V to 3.6 V. In battery
applications, operation as low as 1.71 V can extend the system
lifetime as the AFE can continue its operation, even as the battery
voltage dissipates. The digital supply can be separate and range
from 1.65 V to 3.6 V.
Together with the reduced current consumption, the integration of
an on-chip FIFO buffer can be used in tandem with the smart
sequencer, to enable the AD4130-8 to become an autonomous
measurement system, which allows the microcontroller to sleep for
extended periods.
Intelligent interrupt functionality gives the user a greater confidence
in both error detection and safety. The user can enable an interrupt
signal to trigger when the samples in the FIFO reach a predefined
value or when a user programmable threshold is exceeded.
The following key analog functions are offered on the AD4130-8
to allow simple and effective connection to transducers used for
measuring temperature, load, and pressure:
► PGA. Due to the programmable gain (from 1 to 128) and the
high input impedance with low input current, the PGA allows
direct interfacing to transducers with low output amplitudes like
resistive bridges, thermocouples, and resistance temperature
detectors (RTDs).
► The capacitive PGA allows full common-mode input range, giving
designers greater margin for widely varying input common
modes. A wider common-mode input range improves the overall
resolution and is highly effective in ratio metric measurements.
► Low drift precision current sources. The IEXC0 and IEXC1 current
source can be used to excite 2‑, 3‑, and 4‑wire RTDs.
Excitation current output options include 100 nA, 10 μA, 20 μA,
50 μA, 100 μA, 150 μA, and 200 μA.
► The low-side power switch (PDSW) can be used to power down
bridge sensors between conversions. The PDSW can be controlled
within the sequencer on a per channel basis, allowing
optimum timing and energy savings in the overall system. The
PDSW can also allow higher powered analog sensors to be used
in a low power system.
► Voltage bias for thermocouples (the VBIAS source sets the
common-mode voltage of a channel to AVDD/2).
► The smart sequencer allows the conversion of each enabled
preconfigured channel in a predetermined order, allowing a mix
of transducer, system checks and diagnostic measurements to
be interleaved. The sequencer eliminates need for repetitive
serial interface communication with the device. Sixteen channels
can be configured in the sequence, each of them selecting from
eight predefined ADC setups that allow selection of gain, filter
type, output data rate, buffering, timing, and reference source.
High levels of integrated front-end functionality coupled with small
package options allow smaller end solutions. For example, the
AD4130-8 integrates a low thermal drift band gap reference in
addition to accepting an external differential reference, which can
be internally buffered.
In safety critical applications the AD4130-8 includes diagnostic
functionality such as open wire detection via burnout currents,
internal temperature sensor, reference detection, and analog input
overvoltage and undervoltage detection. Added diagnostics are
included on the digital interface like cyclic redundancy check (CRC)
and serial interface checks for a robust communication link.

FEATURES
► Ultralow current consumption (typical):
► 32 μA: continuous conversion mode (gain = 128)
► 5 μA: duty cycling mode (ratio = 1/16)
► 0.5 μA: standby mode
► 0.1 μA: power-down mode
► Built-in features for system level power savings:
► Current saving duty cycle ratio: 1/4 or 1/16
► Smart sequencer and per channel configuration minimizes host processor load
► Deep embedded FIFO minimizes host processor load (depth of 256 samples)
► Autonomous FIFO interrupt functionality, threshold detection
► Single supply as low as 1.71 V increasing battery length
► RMS noise: 25 nV rms at 1.17 SPS (gain = 128) – 48 nV/√Hz
► Up to 22 noise free bits (gain = 1)
► Output data rate: 1.17 SPS to 2.4 kSPS
► Operates from 1.71 V to 3.6 V single supply or ±1.8 V split supplies
► Band gap reference with 15 ppm/°C maximum drift
► PGA with rail-to-rail analog input
► Adaptable sensor interfacing functionality:
► Matched programmable excitation currents for RTDs
► On-chip bias voltage generator for thermocouples
► Low-side power switch for bridge transducers
► Sensor open wire detection
► Internal temperature sensor and oscillator
► Self and system calibration
► Flexible filter options
► Simultaneous 50 Hz/60 Hz rejection (on selected filter options)
► General-purpose outputs
► Diagnostic functionality
► Crosspoint multiplexed inputs
► 8 differential/16 pseudo differential inputs
► 5 MHz SPI (3-wire or 4-wire)
► Available in 35-ball, 2.74 mm × 3.6 mm WLCSP
► Temperature range: −40°C to +105°C

APPLICATIONS
► Smart transmitters
► Wireless battery and harvester powered sensor nodes
► Portable instrumentation
► Temperature measurement: thermocouple, RTD, thermistors
► Pressure measurement: bridge transducers
► Healthcare and wearables




Similar Part No. - AD4130-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4130-4 AD-AD4130-4 Datasheet
3Mb / 106P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4130-4 AD-AD4130-4 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4130-4BCBZ-RL7 AD-AD4130-4BCBZ-RL7 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4130-4BCPZ-RL7 AD-AD4130-4BCPZ-RL7 Datasheet
3Mb / 106P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4130-4BCPZ-RL7 AD-AD4130-4BCPZ-RL7 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
More results


Similar Description - AD4130-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
MAX11270 MAXIM-MAX11270_V01 Datasheet
1Mb / 47P
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4131-8 AD-AD4131-8 Datasheet
3Mb / 94P
32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com