Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21591 Datasheet (PDF) - Analog Devices

ADSP-21591 Datasheet PDF - Analog Devices
Part # ADSP-21591
Download  ADSP-21591 Download
File Size   3806.18 Kbytes
Page   145 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SHARC Dual-Core DSP with Arm Cortex-A5

ADSP-21591 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-21591 Datasheet PDF - Analog Devices

Part # ADSP-21591
Download  ADSP-21591 Click to download

File Size   3806.18 Kbytes
Page   145 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SHARC Dual-Core DSP with Arm Cortex-A5

ADSP-21591 Datasheet (HTML) - Analog Devices


ADSP-21591 Product details

SYSTEM FEATURES
Dual-enhanced SHARC+ floating-point cores
High performance SHARC+ cores (up to 1 GHz each)
Up to 5 Mb (640 kB) L1 SRAM memory per core with parity
(optional ability to configure as cache)
32-bit, 40-bit, and 64-bit floating-point support
32-bit fixed-point support
Byte, short word, word, and long word addressability
Arm Cortex-A5 core
Up to 1 GHz/1600 DMIPS with NEON/VFPv4-D16
32 kB L1 instruction and data caches with parity
256 kB L2 cache with parity
Powerful DMA system with 8 MemDMAs
On-chip memory protection
Integrated safety features
17 mm × 17 mm, 400-ball BGA_ED (0.8 mm pitch),
RoHS compliant

MEMORY
Large on-chip Level 2 (L2) SRAM with ECC protection, up to
2MB
One Level 3 (L3) interface providing 16-bit interface to
DDR3/ DDR3L SDRAM devices
ADDITIONAL FEATURES
ADSP-2156x pin-compatible package options
Enhanced FIR and IIR accelerators running up to 1 GHz
Security and protection
Cryptographic hardware accelerators
Fast secure boot with IP protection
Support for Arm TrustZone

APPLICATIONS
Automotive: audio amplifier, head unit, ANC/RNC, rear seat
entertainment, digital cockpit, ADAS
Consumer: AVRs, mixing consoles, microphone arrays,
conferencing systems




Similar Part No. - ADSP-21591

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
ADSP-21591KBPZ8 AD-ADSP-21591KBPZ8 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
ADSP-21591WCBPZ8 AD-ADSP-21591WCBPZ8 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
ADSP-21591WCBPZ8RL AD-ADSP-21591WCBPZ8RL Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
More results


Similar Description - ADSP-21591

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
ARM Cortex A8 Core
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
6/2018-Rev. A to Rev. B
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
logo
List of Unclassifed Man...
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
Cyclone V SoC with Dual-core ARM Cortex-A9
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com