Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3165 Datasheet (PDF) - Analog Devices

ADUM3165 Datasheet PDF - Analog Devices
Part # ADUM3165
Download  ADUM3165 Download
File Size   1402.1 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed

ADUM3165 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3165 Datasheet PDF - Analog Devices

Part # ADUM3165
Download  ADUM3165 Click to download

File Size   1402.1 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed

ADUM3165 Datasheet (HTML) - Analog Devices


ADUM3165 Product details

GENERAL DESCRIPTION
The ADuM3165/ADuM31661 are USB 2.0 port isolators, utilizing
Analog Devices, Inc., iCoupler® technology to dynamically support
all USB 2.0 data rates: low (1.5 Mbps), full (12 Mbps), or high
(480 Mbps), as required. The devices support host isolation with
automatic speed negotiation as well as peripheral isolation.
High speed data is retimed for jitter reduction, requiring an external
clock signal or crystal input. The ADuM3165 supports the clock or
crystal input on the upstream side, and the ADuM3166 supports the
clock or crystal input on the downstream side, offering two options
to best suit the system design.
The low power standby mode for downstream (Side 2) supports
applications with limited available power, such as battery-operated
peripherals. The upstream (Side 1) standby current meets USB 2.0
requirements for suspended operation.
The isolators are specified over an extended industrial temperature
range of −55°C to +125°C and are available in a compact 20-lead
shrink small outline package (SSOP) with 5.3 mm creepage and
clearance.

FEATURES
► USB 2.0 signaling with automatic detection of low, full, and high
speed connections
► 1.5 Mbps, 12 Mbps, and 480 Mbps data rates
► Bidirectional USB isolator for upstream and downstream ports
► Redriving and high speed data retiming for input jitter removal
and an open eye
► Flexible clock input options
► 4.5 V to 5.5 V VBUSx or 3 V to 3.6V operation on each side
► 21 mA typical idle, low or full speed mode supply current
► 48 mA typical idle, high speed mode supply current
► Ultra low power standby in USB 2.0 suspend (L2) or disconnect
► 1.7 mA typical low power standby, upstream supply current
► 20 μA typical low power standby, downstream supply current
► ±6000 V IEC 61000-4-2 ESD protection across the isolation
barrier
► Passed CISPR32/EN55032 Class B emissions
► High common-mode transient immunity: 50 kV/μs typical
► Safety and regulatory approvals (pending)
► UL (pending): 3750 V rms for 1 minute per UL 1577
► CSA Component Acceptance Notice 5A (pending)
► IEC 62368-1, IEC 61010-1, and IEC60601-1
► VDE certificate of conformity (pending)
► DIN V VDE V 0884-11 (VDE V 0884-11):2017-01
► VIORM = 849 VPEAK (working voltage)
► Operating temperature range: −55°C to +125°C
► Compact 20-lead SSOP with 5.3 mm creepage and clearance

APPLICATIONS
► USB peripheral, USB host, and USB hub isolation
► Electronic test and measurement equipment
► Medical devices and integrated PCs
► Industrial PCs and isolated USB ports for debug or upgrade
► USB isolator modules and USB cable isolators




Similar Part No. - ADUM3165

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADUM3160 AD-ADUM3160 Datasheet
317Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADuM3160BRWZ AD-ADuM3160BRWZ Datasheet
263Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM3160BRWZ AD-ADUM3160BRWZ Datasheet
317Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
More results


Similar Description - ADUM3165

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADUM3151 AD-ADUM3151 Datasheet
454Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
REV. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADUM4165 AD-ADUM4165 Datasheet
1Mb / 26P
5.7 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com