Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3209947 Datasheet (PDF) - PHOENIX CONTACT

3209947 Datasheet PDF - PHOENIX CONTACT
Part # 3209947
Download  3209947 Download
File Size   206.85 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Plug - PP-H 2,5/ 9

3209947 Datasheet (PDF)

Go To PDF Page Download Datasheet
3209947 Datasheet PDF - PHOENIX CONTACT

Part # 3209947
Download  3209947 Click to download

File Size   206.85 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Plug - PP-H 2,5/ 9

3209947 Datasheet (HTML) - PHOENIX CONTACT


3209947 Product details

Plug, nom. voltage: 500 V, nominal current: 24 A, connection method: Push-in connection, number of
connections: 9, number of positions: 9, cross section: 0.14 mm² - 4 mm², AWG: 26 - 12, width: 46.8 mm,
height: 40.2 mm, color: gray

Your advantages
Large-surface labeling option
The Push-in technology COMBI plugs for self-assembly provide solutions that users can implement themselves
Tested for railway applications




Similar Part No. - 3209947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209905 PHOENIX-3209905 Datasheet
206Kb / 16P
Plug - PP-H 2,5/ 5
09/12/2020
3209918 PHOENIX-3209918 Datasheet
206Kb / 16P
Plug - PP-H 2,5/ 6
3209921 PHOENIX-3209921 Datasheet
206Kb / 16P
Plug - PP-H 2,5/ 7
09/12/2020
3209934 PHOENIX-3209934 Datasheet
206Kb / 16P
Plug - PP-H 2,5/ 8
09/11/2020
3209950 PHOENIX-3209950 Datasheet
229Kb / 17P
Plug - PP-H 2,5/10
09/12/2020
More results


Similar Description - 3209947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209866 PHOENIX-3209866 Datasheet
97Kb / 5P
Plug - PP-H 2,5/ 1
3209918 PHOENIX-3209918 Datasheet
206Kb / 16P
Plug - PP-H 2,5/ 6
3209992 PHOENIX-3209992 Datasheet
93Kb / 11P
Plug - PP-H 2,5/14
3209963 PHOENIX-3209963 Datasheet
93Kb / 11P
Plug - PP-H 2,5/11
3209905 PHOENIX-3209905 Datasheet
206Kb / 16P
Plug - PP-H 2,5/ 5
09/12/2020
3209921 PHOENIX-3209921 Datasheet
206Kb / 16P
Plug - PP-H 2,5/ 7
09/12/2020
3209934 PHOENIX-3209934 Datasheet
206Kb / 16P
Plug - PP-H 2,5/ 8
09/11/2020
3209950 PHOENIX-3209950 Datasheet
229Kb / 17P
Plug - PP-H 2,5/10
09/12/2020
3209976 PHOENIX-3209976 Datasheet
206Kb / 16P
Plug - PP-H 2,5/12
09/12/2020
3209989 PHOENIX-3209989 Datasheet
206Kb / 16P
Plug - PP-H 2,5/13
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com