Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3240512 Datasheet (PDF) - PHOENIX CONTACT

3240512 Datasheet PDF - PHOENIX CONTACT
Part # 3240512
Download  3240512 Download
File Size   52.0 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Blind rivet - RVT-AL/ST 3,2/12

3240512 Datasheet (PDF)

Go To PDF Page Download Datasheet
3240512 Datasheet PDF - PHOENIX CONTACT

Part # 3240512
Download  3240512 Click to download

File Size   52.0 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Blind rivet - RVT-AL/ST 3,2/12

3240512 Datasheet (HTML) - PHOENIX CONTACT


3240512 Product details

Blind rivets, Ø 3.2 mm, 12 mm sleeve length, aluminum sleeve, zinc-plated steel pin, flat head, standard
version similar to DIN 7337 A

Your advantages
Special rivets are available for fixing RW... and UW... high-current panel feed-through terminal blocks that are specifically designed for terminal
blocks
Compact, ergonomically shaped pliers
3 inserts for rivet diameter of 2.4 - 3.2 mm, 4 mm, and 4.8 - 5.0 mm




Similar Part No. - 3240512

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
324051 MACOM-324051 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
ERNI Electronics
324051 ERNI-324051 Datasheet
91Kb / 1P
M 2,54 DRC-B, 20-polig
logo
PHOENIX CONTACT
3240513 PHOENIX-3240513 Datasheet
69Kb / 2P
RVT-AL/ST 4/6
May 9, 2011
More results


Similar Description - 3240512

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-3445-68 ALCOA-99-3445-68 Datasheet
215Kb / 2P
Nail Type Blind Rivet
99-3423-56 ALCOA-99-3423-56 Datasheet
222Kb / 2P
Nail Type Blind Rivet
99-3318 ALCOA-99-3318 Datasheet
163Kb / 2P
Blind Rivet
99-3316-68 ALCOA-99-3316-68 Datasheet
130Kb / 2P
Blind Rivet
99-3312F ALCOA-99-3312F Datasheet
126Kb / 2P
Blind Rivet, STD. Lgth.
99-3307 ALCOA-99-3307 Datasheet
157Kb / 2P
Blind Rivet
99-3301 ALCOA-99-3301 Datasheet
122Kb / 2P
Blind Rivet
99-3300 ALCOA-99-3300 Datasheet
123Kb / 2P
Blind Rivet
logo
PHOENIX CONTACT
3240513 PHOENIX-3240513 Datasheet
69Kb / 2P
RVT-AL/ST 4/6
May 9, 2011
3240521 PHOENIX-3240521 Datasheet
52Kb / 2P
Blind rivet - RVT-AL/ST 4,8/12
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com