Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3210114 Datasheet (PDF) - PHOENIX CONTACT

3210114 Datasheet PDF - PHOENIX CONTACT
Part # 3210114
Download  3210114 Download
File Size   359.02 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Plug - PP-H 2,5/1-M GNYE

3210114 Datasheet (PDF)

Go To PDF Page Download Datasheet
3210114 Datasheet PDF - PHOENIX CONTACT

Part # 3210114
Download  3210114 Click to download

File Size   359.02 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Plug - PP-H 2,5/1-M GNYE

3210114 Datasheet (HTML) - PHOENIX CONTACT


3210114 Product details

Plug, nom. voltage: 500 V, nominal current: 24 A, connection method: Push-in connection, 1 level, Rated
cross section: 2.5 mm², cross section: 0.14 mm² - 4 mm², color: green-yellow

Product Description
Connector element center, left housing with engagement pin, right opened without cover

Your advantages
Large-surface labeling option
The Push-in technology COMBI plugs for self-assembly provide solutions that users can implement themselves
Tested for railway applications




Similar Part No. - 3210114

ManufacturerPart #DatasheetDescription
logo
Littelfuse
3210100002 LITTELFUSE-3210100002 Datasheet
72Kb / 2P
MINIATURE FUSES
3210125002 LITTELFUSE-3210125002 Datasheet
72Kb / 2P
MINIATURE FUSES
logo
PHOENIX CONTACT
3210127 PHOENIX-3210127 Datasheet
228Kb / 17P
Plug - PP-H 2,5/1-R
logo
Tyco Electronics
321013 MACOM-321013 Datasheet
258Kb / 30P
Standard Terminals and Splices
logo
TE Connectivity Ltd
321013 TEC-321013 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
More results


Similar Description - 3210114

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209866 PHOENIX-3209866 Datasheet
97Kb / 5P
Plug - PP-H 2,5/ 1
3210020 PHOENIX-3210020 Datasheet
91Kb / 11P
Plug - PP-H 2,5/ 1 GNYE
3210127 PHOENIX-3210127 Datasheet
228Kb / 17P
Plug - PP-H 2,5/1-R
3212701 PHOENIX-3212701 Datasheet
146Kb / 10P
Connectors - PP-H 1,5/S/1-M GNYE
3061716 PHOENIX-3061716 Datasheet
168Kb / 10P
Connectors - PP-H 6/ 1-M GNYE
3211958 PHOENIX-3211958 Datasheet
156Kb / 13P
Plug - PP-H 4/ 1-L GNYE
3211971 PHOENIX-3211971 Datasheet
156Kb / 13P
Plug - PP-H 4/ 1-M GNYE
3212088 PHOENIX-3212088 Datasheet
156Kb / 13P
Plug - PP-H 4/ 1 GNYE
3043064 PHOENIX-3043064 Datasheet
476Kb / 11P
Plug - SP 2,5/ 1-M GNYE
02/04/2022
3212675 PHOENIX-3212675 Datasheet
185Kb / 14P
Plug - PP-H 1,5/S/1-L GNYE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com