Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3211864 Datasheet (PDF) - PHOENIX CONTACT

3211864 Datasheet PDF - PHOENIX CONTACT
Part # 3211864
Download  3211864 Download
File Size   500.82 Kbytes
Page   26 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through terminal block - PTU 4 RD

3211864 Datasheet (PDF)

Go To PDF Page Download Datasheet
3211864 Datasheet PDF - PHOENIX CONTACT

Part # 3211864
Download  3211864 Click to download

File Size   500.82 Kbytes
Page   26 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through terminal block - PTU 4 RD

3211864 Datasheet (HTML) - PHOENIX CONTACT


3211864 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 32 A, connection method: Pushin
connection, Rated cross section: 4 mm², cross section: 0.2 mm² - 6 mm², connection method: Screw
connection, Rated cross section: 4 mm², cross section: 0.14 mm² - 6 mm², mounting: NS 35/7,5, NS 35/15,
color: red

Your advantages
The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
The compact design and front connection enable wiring in a confined space
The push-in connection is used inside the control cabinet and the universal screw connection is used on the end customer side




Similar Part No. - 3211864

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3211861 PHOENIX-3211861 Datasheet
89Kb / 6P
Fuse modular terminal block - PT 4-HESI (5X20)
3211865 PHOENIX-3211865 Datasheet
500Kb / 26P
Feed-through terminal block - PTU 4 WH
09/30/2021
3211866 PHOENIX-3211866 Datasheet
73Kb / 5P
Feed-through terminal block - PTU 4 BK
3211867 PHOENIX-3211867 Datasheet
181Kb / 20P
Ground modular terminal block - PTS 2,5-PE
More results


Similar Description - 3211864

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037494 PHOENIX-3037494 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4 RD
3209519 PHOENIX-3209519 Datasheet
75Kb / 5P
Feed-through terminal block - PTU 2,5
3211855 PHOENIX-3211855 Datasheet
195Kb / 26P
Feed-through terminal block - PTU 4
3211856 PHOENIX-3211856 Datasheet
189Kb / 24P
Feed-through terminal block - PTU 4 BU
3211866 PHOENIX-3211866 Datasheet
73Kb / 5P
Feed-through terminal block - PTU 4 BK
3044365 PHOENIX-3044365 Datasheet
496Kb / 22P
Feed-through terminal block - UT 4-TWIN RD
3211777 PHOENIX-3211777 Datasheet
581Kb / 29P
Feed-through terminal block - PT 4 RD
3209520 PHOENIX-3209520 Datasheet
559Kb / 29P
Feed-through terminal block - PTU 2,5 BU
3211865 PHOENIX-3211865 Datasheet
500Kb / 26P
Feed-through terminal block - PTU 4 WH
09/30/2021
3046786 PHOENIX-3046786 Datasheet
261Kb / 23P
Feed-through terminal block - UTTB 4 RD
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com