Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3244368 Datasheet (PDF) - PHOENIX CONTACT

3244368 Datasheet PDF - PHOENIX CONTACT
Part # 3244368
Download  3244368 Download
File Size   115.48 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MSDB 2,5-RZ OG

3244368 Datasheet (PDF)

Go To PDF Page Download Datasheet
3244368 Datasheet PDF - PHOENIX CONTACT

Part # 3244368
Download  3244368 Click to download

File Size   115.48 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MSDB 2,5-RZ OG

3244368 Datasheet (HTML) - PHOENIX CONTACT


3244368 Product details

Mini feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, connection method: Springcage
connection, number of connections: 4, cross section: 0.08 mm² - 4 mm², AWG: 28 - 12, width: 10.4 mm,
height: 22 mm, color: orange, mounting type: on mounting plate

Your advantages
Can be freely combined with MS(D)B 2,5‑M middle terminal blocks
Clear arrangement thanks to marking of all terminal points
Space saving thanks to compact design and mounting option on a 15 mm DIN rail
Easy potential distribution thanks to standardized plug-in bridges




Similar Part No. - 3244368

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3244300 PHOENIX-3244300 Datasheet
337Kb / 14P
Mini feed-through terminal block - MSDB 2,5-NS 35
3244313 PHOENIX-3244313 Datasheet
136Kb / 13P
Mini feed-through terminal block - MSDB 2,5-NS 35 BU
3244397 PHOENIX-3244397 Datasheet
172Kb / 4P
MPS-MT 8/9X2 RD - Test plug
More results


Similar Description - 3244368

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1037086 PHOENIX-1037086 Datasheet
91Kb / 5P
Feed-through terminal block - PTS 2,5 OG
3244313 PHOENIX-3244313 Datasheet
136Kb / 13P
Mini feed-through terminal block - MSDB 2,5-NS 35 BU
3244300 PHOENIX-3244300 Datasheet
337Kb / 14P
Mini feed-through terminal block - MSDB 2,5-NS 35
3244096 PHOENIX-3244096 Datasheet
108Kb / 8P
Mini feed-through terminal block - MSB 2,5-M OG
09/12/2020
3244216 PHOENIX-3244216 Datasheet
125Kb / 11P
Mini feed-through terminal block - MSDB 2,5
09/12/2020
3244229 PHOENIX-3244229 Datasheet
119Kb / 10P
Mini feed-through terminal block - MSDB 2,5 BU
09/12/2020
3244287 PHOENIX-3244287 Datasheet
114Kb / 9P
Mini feed-through terminal block - MSDB 2,5-M OG
09/12/2020
1073762 PHOENIX-1073762 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ-FE
Nov 16, 2022
3249011 PHOENIX-3249011 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ
Nov 16, 2022
3249012 PHOENIX-3249012 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ BU
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com