Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5454540 Datasheet (PDF) - PHOENIX CONTACT

5454540 Datasheet PDF - PHOENIX CONTACT
Part # 5454540
Download  5454540 Download
File Size   199.75 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - BC-500X10- 7 GN

5454540 Datasheet (PDF)

Go To PDF Page Download Datasheet
5454540 Datasheet PDF - PHOENIX CONTACT

Part # 5454540
Download  5454540 Click to download

File Size   199.75 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - BC-500X10- 7 GN

5454540 Datasheet (HTML) - PHOENIX CONTACT


5454540 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 400 V, nominal cross section: 1.5 mm²,
number of potentials: 7, number of rows: 1, number of positions per row: 7, product range: BC-X10, pitch: 5
mm, connection method: Screw connection with tension sleeve, mounting: Wave soldering, conductor/PCB
connection direction: 0 °, color: pastel green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of
solder pins per potential: 1, type of packaging: packed in cardboard




Similar Part No. - 5454540

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5454 POMONA-5454 Datasheet
88Kb / 5P
PLCC Socket Breakouts
logo
PHOENIX CONTACT
5454223 PHOENIX-5454223 Datasheet
86Kb / 3P
PCB terminal block - BC-500X10- 5 GN
5454252 PHOENIX-5454252 Datasheet
94Kb / 3P
PCB terminal block - BC-500X14- 4 GN
5454281 PHOENIX-5454281 Datasheet
61Kb / 2P
BCP-500-14 BK BDWH:1-14
5454294 PHOENIX-5454294 Datasheet
61Kb / 2P
BCP-500-14 BK BDWH:3-16
More results


Similar Description - 5454540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706640 PHOENIX-1706640 Datasheet
100Kb / 4P
PCB terminal block - BC-500X10- 4 GN
5430302 PHOENIX-5430302 Datasheet
65Kb / 4P
PCB terminal block - BC-500X10- 2 GY
5441537 PHOENIX-5441537 Datasheet
103Kb / 5P
PCB terminal block - BC-500X10- 2 BK
5441540 PHOENIX-5441540 Datasheet
104Kb / 5P
PCB terminal block - BC-500X10- 3 BK
5442170 PHOENIX-5442170 Datasheet
47Kb / 3P
PCB terminal block - BC-500X10- 2 GN
5442183 PHOENIX-5442183 Datasheet
47Kb / 3P
PCB terminal block - BC-500X10- 3 GN
5442196 PHOENIX-5442196 Datasheet
85Kb / 3P
PCB terminal block - BC-500X10- 6 GN
5442293 PHOENIX-5442293 Datasheet
51Kb / 2P
PCB terminal block - BC-350X9- 7 GN
5442798 PHOENIX-5442798 Datasheet
51Kb / 2P
PCB terminal block - BC-381X9- 7 GN
5454223 PHOENIX-5454223 Datasheet
86Kb / 3P
PCB terminal block - BC-500X10- 5 GN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com