| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFD5C446NL
|
231Kb / 7P |
MOSFET ??Power, Dual, N-Channel 40 V, 2.65 m, 145 A
May, 2019 ??Rev. 0 |
|
NTMFD5C466NL
|
231Kb / 7P |
MOSFET ??Power, Dual, N-Channel 40 V, 7.4 m, 52 A
May, 2019 ??Rev. P4 |
|
NTMFD5C470NL
|
229Kb / 7P |
MOSFET ??Power, Dual, N-Channel 40 V, 11.5 m, 36 A
May, 2019 ??Rev. P3 |
|
NVD5C460N
|
232Kb / 7P |
MOSFET ??Power, Single, N-Channel 40 V, 4.9 m, 70 A
June, 2019-Rev. 0 |
|
NVMFD5C446NL
|
233Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 2.65 m, 145 A
July. 2019 ??Rev. 0 |
|
NVMFD5C462NL
|
231Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 4.7 m, 84 A
July, 2019 ??Rev. P3 |
|
NVMFD5C466N
|
233Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 8.1 m, 49 A
July, 2019 ??Rev. 1 |
|
NVMFD5C470NL
|
230Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 11.5 m, 36 A
July, 2019 ??Rev. 4 |
|
NVMFD5C672NL
|
231Kb / 7P |
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3 |
|
NVLJWD023N04CL
|
140Kb / 7P |
MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0 |