Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFD5C478N Datasheet (PDF) - ON Semiconductor

NVMFD5C478N Datasheet PDF - ON Semiconductor
Part # NVMFD5C478N
Download  NVMFD5C478N Download
File Size   220.92 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 40 V, 17.0 m, 27 A, Dual N?묬hannel

NVMFD5C478N Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFD5C478N Datasheet PDF - ON Semiconductor

Part # NVMFD5C478N
Download  NVMFD5C478N Click to download

File Size   220.92 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 40 V, 17.0 m, 27 A, Dual N?묬hannel

NVMFD5C478N Datasheet (HTML) - ON Semiconductor


NVMFD5C478N Product details

Features
• Small Footprint (5 x 6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• NVMFD5C478NWF − Wettable Flanks Product
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMFD5C478N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5C478NL ONSEMI-NVMFD5C478NL Datasheet
179Kb / 7P
Power MOSFET 40 V, 14.5 m, 29 A, Dual N?묬hannel
June, 2018 ??Rev. 1
NVMFD5C478NLT1G ONSEMI-NVMFD5C478NLT1G Datasheet
179Kb / 7P
Power MOSFET 40 V, 14.5 m, 29 A, Dual N?묬hannel
June, 2018 ??Rev. 1
NVMFD5C478NLWFT1G ONSEMI-NVMFD5C478NLWFT1G Datasheet
179Kb / 7P
Power MOSFET 40 V, 14.5 m, 29 A, Dual N?묬hannel
June, 2018 ??Rev. 1
More results


Similar Description - NVMFD5C478N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMYS2D4N04C ONSEMI-NTMYS2D4N04C Datasheet
203Kb / 6P
Power MOSFET 40 V, 2.3 m, 138 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTD5C684NL ONSEMI-NTD5C684NL Datasheet
179Kb / 7P
Power MOSFET 60 V, 16.5 m, 27 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTMFD5C462NL ONSEMI-NTMFD5C462NL Datasheet
219Kb / 7P
Power MOSFET 40 V, 4.7 m, 84 A, Dual N?묬hannel
August, 2017 ??Rev. P3
NTMFD5C466N ONSEMI-NTMFD5C466N Datasheet
218Kb / 7P
Power MOSFET 40 V, 8.1 m, 49 A, Dual N?묬hannel
October, 2018 ??Rev. 0
NTMJS1D2N04CL ONSEMI-NTMJS1D2N04CL Datasheet
356Kb / 7P
Power MOSFET 40 V, 1.2 m, 237 A, Single N?묬hannel
December, 2018-Rev. 0
NTMTS0D6N04CL ONSEMI-NTMTS0D6N04CL Datasheet
316Kb / 8P
Power MOSFET 40 V, 0.42 m, 554.5 A, Single N?묬hannel
January, 2019-Rev. 1
NTMYS021N06CL ONSEMI-NTMYS021N06CL Datasheet
324Kb / 7P
Power MOSFET 60 V, 21 m, 27 A, Single N?묬hannel
April, 2019-Rev. 0
NTMYS8D0N04C ONSEMI-NTMYS8D0N04C Datasheet
323Kb / 7P
Power MOSFET 40 V, 8.1 m, 49 A, Single N?묬hannel
March, 2019-Rev. 0
NVMFD5C446N ONSEMI-NVMFD5C446N Datasheet
293Kb / 7P
Power MOSFET 40 V, 2.9 m, 127 A, Dual N?묬hannel
October, 2017 ??Rev. 1
NVMFD5C478NL ONSEMI-NVMFD5C478NL Datasheet
179Kb / 7P
Power MOSFET 40 V, 14.5 m, 29 A, Dual N?묬hannel
June, 2018 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com