Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-45APF06LHM3 Datasheet (PDF) - Vishay Siliconix

VS-45APF06LHM3 Datasheet PDF - Vishay Siliconix
Part # VS-45APF06LHM3
Download  VS-45APF06LHM3 Download
File Size   337.76 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Soft Recovery Rectifier Diode, 45 A

VS-45APF06LHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-45APF06LHM3 Datasheet PDF - Vishay Siliconix

Part # VS-45APF06LHM3
Download  VS-45APF06LHM3 Click to download

File Size   337.76 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Soft Recovery Rectifier Diode, 45 A

VS-45APF06LHM3 Datasheet (HTML) - Vishay Siliconix


VS-45APF06LHM3 Product details

FEATURES
• Very low forward voltage drop
• Glass passivated pellet chip junction
• AEC-Q101 qualified meets JESD 201 class 1A
whisker test
• Flexible solution for reliable AC power
rectification
• High surge, low VF rugged blocking diode for DC charging
stations
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• On-board and off-board EV / HEV battery chargers
• Renewable energy inverters

DESCRIPTION
High voltage rectifiers optimized for very low forward
voltage drop with moderate leakage, and short reverse
recovery time.
These devices are intended for use in main rectification
(single or three phase bridge)




Similar Part No. - VS-45APF06LHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-45APF06LHM3 VISHAY-VS-45APF06LHM3 Datasheet
294Kb / 8P
Fast Soft Recovery Rectifier Diode,
22-Feb-18
More results


Similar Description - VS-45APF06LHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
80EPF02PBF VISHAY-80EPF02PBF Datasheet
245Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
05-Jun-08
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-45EPF06L-M3 VISHAY-VS-45EPF06L-M3 Datasheet
333Kb / 9P
Fast Soft Recovery Rectifier Diode, 45 A
10-Jul-2018
VS-45EPF12L-M3 VISHAY-VS-45EPF12L-M3 Datasheet
326Kb / 9P
Fast Soft Recovery Rectifier Diode, 45 A
10-Jul-2018
VS-45EPF06L-M3 VISHAY-VS-45EPF06L-M3_V01 Datasheet
333Kb / 9P
Fast Soft Recovery Rectifier Diode, 45 A
Revision: 10-Jul-2018
VS-45EPF12L-M3 VISHAY-VS-45EPF12L-M3_V01 Datasheet
326Kb / 9P
Fast Soft Recovery Rectifier Diode, 45 A
Revision: 10-Jul-2018
VS-45EPF12LHM3 VISHAY-VS-45EPF12LHM3_V01 Datasheet
326Kb / 9P
Fast Soft Recovery Rectifier Diode, 45 A
Revision: 22-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com