Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5481 Datasheet (PDF) - NXP Semiconductors

MCF5481 Datasheet PDF - NXP Semiconductors
Part # MCF5481
Download  MCF5481 Download
File Size   737.71 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MCF548x ColdFire짰 Microprocessor

MCF5481 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCF5481 Datasheet PDF - NXP Semiconductors

Part # MCF5481
Download  MCF5481 Click to download

File Size   737.71 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MCF548x ColdFire짰 Microprocessor

MCF5481 Datasheet (HTML) - NXP Semiconductors


MCF5481 Product details

Features list:
• ColdFire V4e Core
– Limited superscalar V4 ColdFire processor core
– Up to 200MHz peak internal core frequency (308 MIPS
[Dhrystone 2.1] @ 200 MHz)
– Harvard architecture
– 32-Kbyte instruction cache
– 32-Kbyte data cache
– Memory Management Unit (MMU)
– Separate, 32-entry, fully-associative instruction and
data translation lookahead buffers
– Floating point unit (FPU)
– Double-precision conforms to IEE-754 standard
– Eight floating point registers
• Internal master bus (XLB) arbiter
– High performance split address and data transactions
– Support for various parking modes
• 32-bit double data rate (DDR) synchronous DRAM
(SDRAM) controller
– 66–133 MHz operation
– Supports DDR and SDR DRAM
– Built-in initialization and refresh
– Up to four chip selects enabling up to one GB of external
memory
• Version 2.2 peripheral component interconnect (PCI) bus
– 32-bit target and initiator operation
– Support for up to five external PCI masters
– 33–66 MHz operation with PCI bus to XLB divider
ratios of 1:1, 1:2, and 1:4
• Flexible multi-function external bus (FlexBus)
– Provides a glueless interface to boot flash/ROM,
SRAM, and peripheral devices
– Up to six chip selects
– 33 – 66 MHz operation
• Communications I/O subsystem
– Intelligent 16 channel DMA controller
– Up to two 10/100 Mbps fast Ethernet controllers (FECs)
each with separate 2-Kbyte receive and transmit FIFOs
– Universal serial bus (USB) version 2.0 device controller
– Support for one control and six programmable
endpoints, interrupt, bulk, or isochronous
– 4-Kbytes of shared endpoint FIFO RAM and 1 Kbyte
of endpoint descriptor RAM
– Integrated physical layer interface
– Up to four programmable serial controllers (PSCs) each
with separate 512-byte receive and transmit FIFOs for
UART, USART, modem, codec, and IrDA 1.1 interfaces
– I2C peripheral interface
– Two FlexCAN controller area network 2.0B controllers
each with 16 message buffers
– DMA Serial Peripheral Interface (DSPI)
• Optional Cryptography accelerator module
– Execution units for:
– DES/3DES block cipher
– AES block cipher
– RC4 stream cipher
– MD5/SHA-1/SHA-256/HMAC hashing
– Random Number Generator
• 32-Kbyte system SRAM
– Arbitration mechanism shares bandwidth between
internal bus masters
• System integration unit (SIU)
– Interrupt controller
– Watchdog timer
– Two 32-bit slice timers alarm and interrupt generation
– Up to four 32-bit general-purpose timers, compare, and
PWM capability
– GPIO ports multiplexed with peripheral pins
• Debug and test features
– ColdFire background debug mode (BDM) port
– JTAG/ IEEE 1149.1 test access port
• PLL and clock generator
– 30 to 66.67 MHz input frequency range
• Operating Voltages
– 1.5V internal logic
– 2.5V DDR SDRAM bus I/O
– 3.3V PCI, FlexBus, and all other I/O
• Estimated power consumption
– Less than 1.5W (388 PBGA)




Similar Part No. - MCF5481

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5481 FREESCALE-MCF5481 Datasheet
790Kb / 28P
Microprocessor Electrical Characteristics
MCF5481 FREESCALE-MCF5481 Datasheet
496Kb / 28P
Microprocessor Electrical Characteristics
MCF5481 FREESCALE-MCF5481 Datasheet
3Mb / 3P
CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5481 FREESCALE-MCF5481 Datasheet
596Kb / 34P
MCF548x ColdFire짰 Microprocessor
MCF5481 FREESCALE-MCF5481 Datasheet
608Kb / 34P
MCF548x ColdFire짰 Microprocessor
More results


Similar Description - MCF5481

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
MCF547x ColdFire짰 Microprocessor
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
MCF548x ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
ColdFire짰 Microprocessor
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
ColdFire짰 Integrated Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
MCF548x ColdFire짰 Microprocessor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com