Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B10G3741N55D Datasheet (PDF) - Ampleon Netherlands B.V.

B10G3741N55D Datasheet PDF - Ampleon Netherlands B.V.
Part # B10G3741N55D
Download  B10G3741N55D Download
File Size   1089.44 Kbytes
Page   14 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 3-stage integrated Doherty MMIC

B10G3741N55D Datasheet (PDF)

Go To PDF Page Download Datasheet
B10G3741N55D Datasheet PDF - Ampleon Netherlands B.V.

Part # B10G3741N55D
Download  B10G3741N55D Click to download

File Size   1089.44 Kbytes
Page   14 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 3-stage integrated Doherty MMIC

B10G3741N55D Datasheet (HTML) - Ampleon Netherlands B.V.


B10G3741N55D Product details

General description
The B10G3741N55D is a 3-stage fully integrated asymmetrical Doherty MMIC solution
using Ampleon’s state of the art GEN10 LDMOS technology. The carrier and peaking
device, input splitter, output combiner and pre-match are integrated in a single package.
This multiband device is perfectly suited as a final stage for small cells and massive MIMO
applications in the frequency range from 3700 MHz to 4100 MHz. Available in PQFN
outline.
Features and benefits
 Integrated input splitter
 Integrated output combiner
 30 Ω output impedance thanks to integrated pre-match
 Very high efficiency thanks to asymmetry
 Designed for wideband operation (frequency 3700 MHz to 4100 MHz)
 Independent control of carrier and peaking bias
 Integrated ESD protection
 Source impedance 50 Ω; high power gain
 For RoHS compliance see the product details on the Ampleon website
Applications
 RF power MMIC for multi-carrier and multi-standard 5G, W-CDMA and LTE base
stations in the 3700 MHz to 4100 MHz frequency range




Similar Part No. - B10G3741N55D

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
B10G3438N55D AMPLEON-B10G3438N55D Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??5 October 2021
B10G3438N55DZ AMPLEON-B10G3438N55DZ Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??5 October 2021
More results


Similar Description - B10G3741N55D

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
B10G3438N55D AMPLEON-B10G3438N55D Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??5 October 2021
B11G3338N80D AMPLEON-B11G3338N80D Datasheet
1Mb / 15P
LDMOS 3-stage integrated Doherty MMIC
Rev. 2 ??7 April 2022
BLM10D3438-35AB AMPLEON-BLM10D3438-35AB Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??30 July 2019
BLM9D3336-12AM AMPLEON-BLM9D3336-12AM Datasheet
1Mb / 15P
LDMOS 3-stage integrated Doherty MMIC
Rev. 2 ??5 February 2021
BLM9D3336-14AM AMPLEON-BLM9D3336-14AM Datasheet
1Mb / 15P
LDMOS 3-stage integrated Doherty MMIC
Rev. 2 ??13 January 2022
BLM9D3438-16AM AMPLEON-BLM9D3438-16AM Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??2 November 2021
BLM10D3438-70ABG AMPLEON-BLM10D3438-70ABG Datasheet
1Mb / 17P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1,18 September 2020
BLM10D3740-35AB AMPLEON-BLM10D3740-35AB Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??14 December 2020
B10G4750N12DL AMPLEON-B10G4750N12DL Datasheet
918Kb / 12P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 - 10 January 2023
BLM9D3842-16AM AMPLEON-BLM9D3842-16AM Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 - 25 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com