Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0902043 Datasheet (PDF) - PHOENIX CONTACT

0902043 Datasheet PDF - PHOENIX CONTACT
Part # 0902043
Download  0902043 Download
File Size   48.28 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 61C 03A

0902043 Datasheet (PDF)

Go To PDF Page Download Datasheet
0902043 Datasheet PDF - PHOENIX CONTACT

Part # 0902043
Download  0902043 Click to download

File Size   48.28 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 61C 03A

0902043 Datasheet (HTML) - PHOENIX CONTACT


0902043 Product details

Thermomagnetic circuit breaker, one-pole, 3.0 A thermal trip. DIN rail mounted and UL 1077- recognized with optional auxiliary contact for either S or H remote signal. Protects wiring and equipment from overcurrent and short circuit faults.




Similar Part No. - 0902043

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09020006484 HARTING-09020006484 Datasheet
701Kb / 3P
DIN-Signal contact BC,F,PL2,5000 reel
09020008434 HARTING-09020008434 Datasheet
701Kb / 3P
DIN-Signal contact BC,F,PL2,500 reel
09020008444 HARTING-09020008444 Datasheet
701Kb / 3P
DIN-Signal contact BC,F,PL1,500 reel
09020008474 HARTING-09020008474 Datasheet
645Kb / 3P
DIN-Signal Kontakt BC,F,PL1,Einzel
09020008484 HARTING-09020008484 Datasheet
645Kb / 3P
DIN-Signal contact BC,F,PL2,single
More results


Similar Description - 0902043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019932 PHOENIX-1019932 Datasheet
282Kb / 7P
Thermomagnetic device circuit breaker - TMC 72B 03A
01/13/2022
0902014 PHOENIX-0902014 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 0,5A
01.06.2012
0902027 PHOENIX-0902027 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 01A
05.10.2012
0902030 PHOENIX-0902030 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 02A
05.10.2012
0902056 PHOENIX-0902056 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 04A
05.10.2012
0902069 PHOENIX-0902069 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 06A
05.10.2012
0902108 PHOENIX-0902108 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 20A
05.10.2012
0902111 PHOENIX-0902111 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 25A
05.10.2012
0902137 PHOENIX-0902137 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 40A
04.10.2012
0902140 PHOENIX-0902140 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 50A
01.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com