Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM9D1822-30B Datasheet (PDF) - Ampleon Netherlands B.V.

BLM9D1822-30B Datasheet PDF - Ampleon Netherlands B.V.
Part # BLM9D1822-30B
Download  BLM9D1822-30B Download
File Size   1561.31 Kbytes
Page   16 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 2-stage integrated Doherty MMIC

BLM9D1822-30B Datasheet (PDF)

Go To PDF Page Download Datasheet
BLM9D1822-30B Datasheet PDF - Ampleon Netherlands B.V.

Part # BLM9D1822-30B
Download  BLM9D1822-30B Click to download

File Size   1561.31 Kbytes
Page   16 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 2-stage integrated Doherty MMIC

BLM9D1822-30B Datasheet (HTML) - Ampleon Netherlands B.V.


BLM9D1822-30B Product details

General description
The BLM9D1822-30B is a 2-stage fully integrated Doherty MMIC solution using
Ampleon's state of the art GEN9 LDMOS technology. The carrier and peaking device,
input splitter and output combiner are integrated in a single package. This multiband
device is perfectly suited as general purpose driver or small cell final in the frequency
range from 1800 MHz to 2200 MHz. Available in PQFN outline.
Features and benefits
 Integrated input splitter
 Integrated output combiner
 high efficiency
 Designed for broadband operation (frequency 1800 MHz to 2200 MHz)
 Independent control of carrier and peaking bias
 Integrated ESD protection
 Excellent thermal stability
 Source impedance 50 Ω; high power gain
 For RoHS compliance see the product details on the Ampleon website
Applications
 RF power MMIC for multi-carrier and multi-standard GSM, W-CDMA and LTE base
stations in the 1800 MHz to 2200 MHz frequency range




Similar Part No. - BLM9D1822-30B

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLM9D1822S-60PBG AMPLEON-BLM9D1822S-60PBG Datasheet
1Mb / 17P
LDMOS 2-stage integrated Doherty MMIC
Rev. 3 ??16 April 2021
More results


Similar Description - BLM9D1822-30B

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
B11G1822N60D AMPLEON-B11G1822N60D Datasheet
1Mb / 15P
LDMOS 2-stage integrated Doherty MMIC
Rev. 2 ??7 April 2022
B11G2327N70D AMPLEON-B11G2327N70D Datasheet
1Mb / 15P
LDMOS 2-stage integrated Doherty MMIC
Rev. 2 ??7 April 2022
BLM8D1822S-50PB AMPLEON-BLM8D1822S-50PB Datasheet
2Mb / 22P
LDMOS 2-stage integrated Doherty MMIC
Rev. 4, 28 September 2018
BLM9D1819-08AM AMPLEON-BLM9D1819-08AM Datasheet
1Mb / 14P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??13 October 2020
BLM9D1920-08AM AMPLEON-BLM9D1920-08AM Datasheet
1Mb / 14P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1, 10 September 2020
BLM9D2022-08AM AMPLEON-BLM9D2022-08AM Datasheet
1Mb / 14P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1, 10 September 2020
BLM10D1822-61ABG AMPLEON-BLM10D1822-61ABG Datasheet
1Mb / 17P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??19 October 2020
BLM10D2327-60ABG AMPLEON-BLM10D2327-60ABG Datasheet
1Mb / 13P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??9 January 2020
BLM9D2327S-50PB AMPLEON-BLM9D2327S-50PB Datasheet
1Mb / 20P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??6 April 2019
B10G2327N55D AMPLEON-B10G2327N55D Datasheet
1Mb / 13P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 - 11 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com