Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0914073 Datasheet (PDF) - PHOENIX CONTACT

0914073 Datasheet PDF - PHOENIX CONTACT
Part # 0914073
Download  0914073 Download
File Size   160.93 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 1 F1 100 1,0A

0914073 Datasheet (PDF)

Go To PDF Page Download Datasheet
0914073 Datasheet PDF - PHOENIX CONTACT

Part # 0914073
Download  0914073 Click to download

File Size   160.93 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 1 F1 100 1,0A

0914073 Datasheet (HTML) - PHOENIX CONTACT


0914073 Product details

Thermomagnetic device circuit breaker, Number of positions: 1, Connection method: Screw connection, Cross section: 0.2 mm²- 6 mm², AWG: 24 - 10, Nominal current: 1 A, Width: 12.5 mm, Fuse type: Automatic device, Mounting type: DIN rail: 35 mm, Color: black




Similar Part No. - 0914073

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0914070002 MOLEX11-0914070002 Datasheet
154Kb / 3P
2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, 0.50關m (20u") Gold (Au) Plating
More results


Similar Description - 0914073

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914015 PHOENIX-0914015 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 0.2A
11.06.2012
0914099 PHOENIX-0914099 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 2,0A
11.06.2012
0914112 PHOENIX-0914112 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 3,0A
04.10.2012
0914125 PHOENIX-0914125 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 4,0A
04.10.2012
0914138 PHOENIX-0914138 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 5,0A
05.10.2012
0914141 PHOENIX-0914141 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 6,0A
11.06.2012
0914167 PHOENIX-0914167 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 10,0A
11.06.2012
0914280 PHOENIX-0914280 Datasheet
161Kb / 9P
Thermomagnetic device circuit breaker - TMC 1 F1 200 2,5A
05/25/2016
0914345 PHOENIX-0914345 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 10,0A
11.06.2012
0914361 PHOENIX-0914361 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 16,0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com