Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0915043 Datasheet (PDF) - PHOENIX CONTACT

0915043 Datasheet PDF - PHOENIX CONTACT
Part # 0915043
Download  0915043 Download
File Size   127.61 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 2 M1 120 6,0A

0915043 Datasheet (PDF)

Go To PDF Page Download Datasheet
0915043 Datasheet PDF - PHOENIX CONTACT

Part # 0915043
Download  0915043 Click to download

File Size   127.61 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 2 M1 120 6,0A

0915043 Datasheet (HTML) - PHOENIX CONTACT


0915043 Product details

Thermomagnetic circuit breaker, 2-pos., normal blow, 1 N/O contact and 1 N/C contact, with universal foot for mounting on NS 32 or NS 35




Similar Part No. - 0915043

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
09150 DESCO-09150 Datasheet
490Kb / 3P
WRIST STRAPS & COIL CORDS
09150 DESCO-09150 Datasheet
704Kb / 5P
WRIST STRAPS & COIL CORDS
logo
Qualtek Electronics Cor...
09150-F QUALTEK-09150-F Datasheet
211Kb / 1P
PLASTIC FAN FILTER ASSEMBLY
09150-G QUALTEK-09150-G Datasheet
207Kb / 1P
PLASTIC FAN GUARD
09150-M QUALTEK-09150-M Datasheet
182Kb / 1P
FAN FILTER MEDIA
More results


Similar Description - 0915043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914866 PHOENIX-0914866 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 6,0A
0914947 PHOENIX-0914947 Datasheet
103Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 0,5A
09/11/2020
0915085 PHOENIX-0915085 Datasheet
103Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 16,0A
09/11/2020
0914507 PHOENIX-0914507 Datasheet
155Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 6,0A
11.06.2012
0914688 PHOENIX-0914688 Datasheet
155Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 200 6,0A
11.06.2012
0914950 PHOENIX-0914950 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 0,6A
11.06.2012
0914976 PHOENIX-0914976 Datasheet
128Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 1,0A
04.10.2012
0915014 PHOENIX-0915014 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 3,0A
11.06.2012
0915056 PHOENIX-0915056 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 8,0A
11.06.2012
0915072 PHOENIX-0915072 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 12,0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com