Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0915470 Datasheet (PDF) - PHOENIX CONTACT

0915470 Datasheet PDF - PHOENIX CONTACT
Part # 0915470
Download  0915470 Download
File Size   58.37 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse modular terminal block - TMC 1 M1 100 20,0A

0915470 Datasheet (PDF)

Go To PDF Page Download Datasheet
0915470 Datasheet PDF - PHOENIX CONTACT

Part # 0915470
Download  0915470 Click to download

File Size   58.37 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse modular terminal block - TMC 1 M1 100 20,0A

0915470 Datasheet (HTML) - PHOENIX CONTACT


0915470 Product details

Fuse modular terminal block, Connection method: Screw connection, Cross section: 0.2 mm²- 6 mm², AWG: 24 - 10, Nominal current: 20 A, Nominal voltage: 250 V, Width: 12.5 mm, Fuse type: Normal blow (M1), Fuse type: Automatic device, Mounting type: NS 32, NS 35/15, NS 35/7.5, Color: black




Similar Part No. - 0915470

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0915438 PHOENIX-0915438 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 12,0A
11.06.2012
0915443 PHOENIX-0915443 Datasheet
194Kb / 6P
TMC 3 M1 122 20,0A - Thermal-magnetic device circuit breaker
0915444 PHOENIX-0915444 Datasheet
194Kb / 6P
TMC 3 M1 122 25,0A - Thermal-magnetic device circuit breaker
0915445 PHOENIX-0915445 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 32,0A
2/3/14
0915446 PHOENIX-0915446 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 0,1A
2/3/14
More results


Similar Description - 0915470

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
Fuse modular terminal block
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
Fuse modular terminal block - USIG BU
0914724 PHOENIX-0914724 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 0,1A
2/3/14
0914725 PHOENIX-0914725 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 32,0A
2/3/14
0914726 PHOENIX-0914726 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 25,0A
2/3/14
0914729 PHOENIX-0914729 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 1 M1 200 20,0A
2/3/14
0915035 PHOENIX-0915035 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 2 M1 120 32,0A
2/3/14
0915445 PHOENIX-0915445 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 32,0A
2/3/14
0915446 PHOENIX-0915446 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 0,1A
2/3/14
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
Fuse modular terminal block
Dec 19, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com