Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-10ETF06SLHM3 Datasheet (PDF) - Vishay Siliconix

VS-10ETF06SLHM3 Datasheet PDF - Vishay Siliconix
Part # VS-10ETF06SLHM3
Download  VS-10ETF06SLHM3 Download
File Size   242.06 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Fast Soft Recovery Rectifier Diode, 10 A

VS-10ETF06SLHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-10ETF06SLHM3 Datasheet PDF - Vishay Siliconix

Part # VS-10ETF06SLHM3
Download  VS-10ETF06SLHM3 Click to download

File Size   242.06 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Fast Soft Recovery Rectifier Diode, 10 A

VS-10ETF06SLHM3 Datasheet (HTML) - Vishay Siliconix


VS-10ETF06SLHM3 Product details

FEATURES
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C
• Glass passivated pellet chip junction
• AEC-Q101 qualified
• Meets JESD 201 class 1A whisker test
• Flexible solution for reliable AC power
rectification
• High surge, low VF rugged blocking diode for DC charging
stations
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Input rectification
• On-board and off-board EV / HEV battery chargers

DESCRIPTION
The VS-10ETF06SLHM3 fast soft recovery rectifier series
has been optimized for combined short reverse recovery
time and low forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.




Similar Part No. - VS-10ETF06SLHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF06SLHM3 VISHAY-VS-10ETF06SLHM3 Datasheet
251Kb / 9P
Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
22-Feb-18
More results


Similar Description - VS-10ETF06SLHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-10ETF02S-M3 VISHAY-VS-10ETF02S-M3 Datasheet
238Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-10ETF10S-M3 VISHAY-VS-10ETF10S-M3 Datasheet
234Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-10ETFSPBF VISHAY-VS-10ETFSPBF Datasheet
197Kb / 7P
Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3 Datasheet
244Kb / 7P
Fast Soft Recovery Rectifier Diode, 10 A
27-Mar-2019
VS-10ETF02S-M3 VISHAY-VS-10ETF02S-M3_V01 Datasheet
248Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
16-Dec-2021
VS-10ETF10S-M3 VISHAY-VS-10ETF10S-M3_V01 Datasheet
251Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
16-Dec-2021
VS-10ETF12SLHM3 VISHAY-VS-10ETF12SLHM3_V01 Datasheet
236Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
22-Feb-18
VS-10ETFSPBF VISHAY-VS-10ETFSPBF_V01 Datasheet
212Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com