Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24163 Datasheet (PDF) - Summit Microelectronics, Inc.

S24163 Datasheet PDF - Summit Microelectronics, Inc.
Part # S24163
Download  S24163 Download
File Size   166.07 Kbytes
Page   12 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Precision RESET Controller with 16K I2C Memory

S24163 Datasheet (PDF)

Go To PDF Page Download Datasheet
S24163 Datasheet PDF - Summit Microelectronics, Inc.

Part # S24163
Download  S24163 Click to download

File Size   166.07 Kbytes
Page   12 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Precision RESET Controller with 16K I2C Memory

S24163 Datasheet (HTML) - Summit Microelectronics, Inc.


S24163 Product details

OVERVIEW
The S24163 is a power supervisory device with 16,384- bits of serial E2PROM. It is fabricated using SUMMITs advanced CMOS E2PROM technology and is suitable for both 3 and 5 volt systems.
The S24163 is internally organized as 2048 x 8. It features the I2C serial interface and software protocol allowing operation on a simple two-wire bus.

FEATURES
• Precision Supply Voltage Monitor
   — Active Low
   — Integrated memory write lockout
• Guaranteed RESET (RESET#) assertion to VCC = 1V
• Power-Fail Accuracy Guaranteed
• No External Components
• 3V and 5V system versions
• Low Power CMOS
   — Active current less than 3mA
   — Standby current less than 25µA
• Memory Internally Organized 2k X 8
   — Two Wire Serial Interface (I2C™)
   – Bidirectional data transfer protocol
   – Standard 100KHz and Fast 400KHz
• High Reliability
   — Endurance: 100,000 erase/write cycles
   — Data retention: 100 years
• 8-Pin PDIP or SOIC Packages




Similar Part No. - S24163

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
S24110 SYSTEMSENSOR-S24110 Datasheet
113Kb / 4P
Wall-Mount Horns, Strobes, and Horn/Strobes
S2415 SYSTEMSENSOR-S2415 Datasheet
113Kb / 4P
Wall-Mount Horns, Strobes, and Horn/Strobes
S241575 SYSTEMSENSOR-S241575 Datasheet
113Kb / 4P
Wall-Mount Horns, Strobes, and Horn/Strobes
More results


Similar Description - S24163

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com