Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR8AMFA Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC908GR8AMFA Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC908GR8AMFA
Download  MC68HC908GR8AMFA Download
File Size   3458.83 Kbytes
Page   252 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC908GR8AMFA Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908GR8AMFA Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC908GR8AMFA
Download  MC68HC908GR8AMFA Click to download

File Size   3458.83 Kbytes
Page   252 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC908GR8AMFA Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC908GR8AMFA Product details

General Description

Introduction

The MC68HC908GR8A is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

This document also describes the MC68HC908GR4A. The MC68HC908GR4A is a device identical to the MC68HC908GR8A except that it has less FLASH memory. Only when there are differences from the MC68HC908GR8A is the MC68HC908GR4A specifically mentioned in the text.



Features

For convenience, features have been organized to reflect:

• Standard features

• Features of the CPU08



Standard Features

Features include:

• High-performance M68HC08 architecture optimized for C-compilers

• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families

• 8-MHz internal bus frequency

• Clock generation module supporting 1-MHz to 8-MHz crystals

• FLASH program memory security(1)

• On-chip programming firmware for use with host personal computer which does not require high voltage for entry

• In-system programming (ISP)

• System protection features:

   – Optional computer operating properly (COP) reset

   – Low-voltage detection with optional reset and selectable trip points for 3.0-V and 5.0-V operation

   – Illegal opcode detection with reset

   – Illegal address detection with reset

• Low-power design; fully static with stop and wait modes

• Standard low-power modes of operation:

   – Wait mode

   – Stop mode

• Master reset pin and power-on reset (POR)

• 7680 bytes of on-chip FLASH memory on the MC68HC908GR8A and 4096 byes of on-chip FLASH memory on the MC68HC908GR4A with in-circuit programming capabilities of FLASH program memory.

• 384 bytes of on-chip random-access memory (RAM)

• 544 bytes of FLASH programming routines read-only memory (ROM)

• Serial peripheral interface (SPI) module

• Serial communications interface (SCI) module

• One 16-bit, 2-channel timer (TIM1) and one 16-bit, 1-channel timer (TIM2) interface modules with selectable input capture, output compare, and pulse-width modulation (PWM) capability on each channel

• Up to 6-channel, 8-bit successive approximation analog-to-digital converter (ADC) depending on package choice

• BREAK (BRK) module to allow single breakpoint setting during in-circuit debugging

• Internal pullups on IRQ and RST to reduce system cost

• Up to 21 general-purpose input/output (I/O) pins

• Selectable pullups on inputs only on ports A, C, and D. Selection is on an individual port bit basis.

   During output mode, pullups are disengaged.

• High current 10-mA sink/source capability on all port pins

• Higher current 15-mA sink/source capability on PTC0–PTC1

• Timebase module (TBM) with clock prescaler circuitry for eight user selectable periodic real-time interrupts with optional active clock source during stop mode for periodic wakeup from stop using an external crystal

• User selection of having the oscillator enabled or disabled during stop mode

• 4-bit keyboard wakeup port

• Available packages:

   – 32-pin low-profile quad flat pack (LQFP)

   – 28-pin plastic dual in-line package (DIP)

   – 28-pin small outline integrated circuit (SOIC)

• Specific features of the MC68HC908GR8A in 28-pin DIP and 28-pin SOIC are:

   – Port B is only 4 bits: PTB0–PTB3; 4-channel ADC module

   – No port C bits



Features of the CPU08

Features of the CPU08 include:

• Enhanced HC05 programming model

• Extensive loop control functions

• 16 addressing modes (eight more than the HC05)

• 16-bit index register and stack pointer

• Memory-to-memory data transfers

• Fast 8 × 8 multiply instruction

• Fast 16/8 divide instruction

• Binary-coded decimal (BCD) instructions

• Optimization for controller applications

• Efficient C language support



 




Similar Part No. - MC68HC908GR8AMFA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908GR8AMFA FREESCALE-MC68HC908GR8AMFA Datasheet
3Mb / 260P
Microcontrollers
More results


Similar Description - MC68HC908GR8AMFA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com