Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58603 Datasheet (PDF) - NXP Semiconductors

SA58603 Datasheet PDF - NXP Semiconductors
Part # SA58603
Download  SA58603 Download
File Size   137.11 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High precision operational amplifier, comparator, and voltage reference

SA58603 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA58603 Datasheet PDF - NXP Semiconductors

Part # SA58603
Download  SA58603 Click to download

File Size   137.11 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High precision operational amplifier, comparator, and voltage reference

SA58603 Datasheet (HTML) - NXP Semiconductors


SA58603 Product details

GENERAL DESCRIPTION
The SA58603 is comprised of a low voltage, high precision dual operational amplifier, a comparator, and a reference voltage source. The input offset voltage is typically 100 µV with a very low temperature drift of ±1 µV/°C. The SA58603 supply current is typically 100 µA per amplifier and it operates from 1.8 V to 6 V single supply.

FEATURES
General
• Functionality to 1.8 V typical
• Low supply current: 100 µA per amplifier (typical)

Amplifier section
• Very low input offset voltage: 100 µV (typical)
• Very low input offset drift: ±1 µV/°C (typical)
• Low input offset current: 1 nA (typical)
• Input bias current: 50 nA (typical)
• Open loop gain: 100 dB (typical)
• Common mode input includes ground

Comparator section
• Input offset voltage: ±1.0 mV (typical)
• Low input offset voltage voltage drift (–40 to +85 °C): ±10 µV (typical)
• Input bias current: 25 nA (typical)
• Output sink current: 5 mA (minimum)

Reference voltage section
• Reference voltage: 1.27 V ±50 mV
• Reference voltage temperature characteristics: ±100 ppm/°C (typical)
• Output current: 0.3 mA (minimum)

APPLICATIONS
• Gas burners
• Gas water heaters
• Tankless gas water heaters




Similar Part No. - SA58603

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631TK PHILIPS-SA58631TK Datasheet
373Kb / 19P
3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631TK NXP-SA58631TK Datasheet
130Kb / 21P
3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
3 W BTL audio amplifier
Rev. 02-12 October 2007
More results


Similar Description - SA58603

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
Operational Amplifier and Voltage Reference
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com