Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB30120S Datasheet (PDF) - Vishay Siliconix

VB30120S Datasheet PDF - Vishay Siliconix
Part # VB30120S
Download  VB30120S Download
File Size   228.42 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Trench MOS Barrier Schottky Rectifier

VB30120S Datasheet (PDF)

Go To PDF Page Download Datasheet
VB30120S Datasheet PDF - Vishay Siliconix

Part # VB30120S
Download  VB30120S Click to download

File Size   228.42 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Trench MOS Barrier Schottky Rectifier

VB30120S Datasheet (HTML) - Vishay Siliconix


VB30120S Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 245 °C (for TO-263AB
package)
• Solder bath temperature 275 °C maximum, 10 s, per
JESD 22-B106 (for TO-220AB, ITO-220AB, and
TO-262AA package)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters and reverse battery protection.

MECHANICAL DATA
Case: TO-220AB, ITO-220AB, D2PAK (TO-263AB), and
TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
(for TO-220AB, ITO-220AB and TO-262AA package) and
class 2 whisker test (for TO-263AB package)
Polarity: as marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - VB30120S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB30120S VISHAY-VB30120S Datasheet
165Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
19-May-08
VB30120S-E3 VISHAY-VB30120S-E3 Datasheet
731Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
14-Aug-13
VB30120S-E3 VISHAY-VB30120S-E3 Datasheet
726Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier
05-Nov-13
VB30120S-E3 VISHAY-VB30120S-E3 Datasheet
216Kb / 6P
High Voltage Trench MOS Barrier Schottky Rectifier
18-Jun-2018
logo
Inchange Semiconductor ...
VB30120S-E3 ISC-VB30120S-E3 Datasheet
321Kb / 2P
Schotty Barrier Diode
More results


Similar Description - VB30120S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20100S VISHAY-V20100S_12 Datasheet
163Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Oct-09
V20150S VISHAY-V20150S_15 Datasheet
152Kb / 6P
High Voltage Trench MOS Barrier Schottky Rectifier
13-Aug-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com