Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1110987 Datasheet (PDF) - PHOENIX CONTACT

1110987 Datasheet PDF - PHOENIX CONTACT
Part # 1110987
Download  1110987 Download
File Size   2221.66 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - CAPAROC PD 0V

1110987 Datasheet (PDF)

Go To PDF Page Download Datasheet
1110987 Datasheet PDF - PHOENIX CONTACT

Part # 1110987
Download  1110987 Click to download

File Size   2221.66 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - CAPAROC PD 0V

1110987 Datasheet (HTML) - PHOENIX CONTACT


1110987 Product details

Potential distributor with Push-in connections for directly connecting the 0 V return conductor in the CAPAROC system. For DIN rail installation via the CAPAROC current rails.

Your advantages
• The benchmark that you can tailor with direct pairwise integration into the system alongside the circuit breaker module
• Particularly easy operation for everyone with tool-free insertion without additional wiring effort
• Exceptionally easy design-in with color-coded pushers for clear identification of the potentials




Similar Part No. - 1110987

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
1110980 QORVO-1110980 Datasheet
457Kb / 13P
6 ??12 GHz 2W GaN Driver Amplifier
December 2020
logo
PHOENIX CONTACT
1110984 PHOENIX-1110984 Datasheet
2Mb / 20P
Electronic circuit breaker - CAPAROC E2 12-24DC/2-10A
May 10, 2022
1110986 PHOENIX-1110986 Datasheet
2Mb / 24P
Power module - CAPAROC PM PN
Nov 3, 2022
More results


Similar Description - 1110987

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3026007 PHOENIX-3026007 Datasheet
56Kb / 3P
Potential distributors - ZRV 8-PV
3270131 PHOENIX-3270131 Datasheet
190Kb / 16P
Potential distributors - PTRV 4-FE /BKYE
09/12/2020
3270149 PHOENIX-3270149 Datasheet
205Kb / 18P
Potential distributors - PTRV 8-FE /BKYE
09/12/2020
3270160 PHOENIX-3270160 Datasheet
1,018Kb / 40P
Potential distributors - PTRVB 8-FI /BK
May 16, 2022
3270207 PHOENIX-3270207 Datasheet
917Kb / 36P
Potential distributors - FTRVB 4-PV /BK
Jun 2, 2022
3270220 PHOENIX-3270220 Datasheet
923Kb / 37P
Potential distributors - PTRVB 4-FI /RD
May 16, 2022
3270221 PHOENIX-3270221 Datasheet
923Kb / 37P
Potential distributors - PTRVB 4-FI /BU
May 16, 2022
3270227 PHOENIX-3270227 Datasheet
1,011Kb / 38P
Potential distributors - PTRVB 8-PV /BU
May 17, 2022
3270178 PHOENIX-3270178 Datasheet
831Kb / 33P
Potential distributors - FTRV 4-PV /BK
Jun 15, 2022
2862987 PHOENIX-2862987 Datasheet
377Kb / 8P
Potential distributors - IB IL PD 24V-PAC
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com