| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NVMFD5853NL
|
126Kb / 6P |
Power MOSFET 40 V, 10 m, 34 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 3 |
|
NVMFD5873NL
|
127Kb / 6P |
Power MOSFET 60 V, 13 m, 58 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 2 |
|
NTMFD030N06C
|
252Kb / 7P |
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0 |
|
NTTFS030N06C
|
212Kb / 7P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 1 |
|
NVMFD024N06C
|
255Kb / 7P |
MOSFET ??Power, Dual N-Channel, SO-8FL 60 V, 22.6 m, 24 A
December, 2019-Rev. 0 |
|
NVMFS016N06C
|
189Kb / 7P |
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0 |
|
NVMFS020N06C
|
187Kb / 7P |
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0 |
|
NVTFS016N06C
|
280Kb / 8P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 16.3 m, 32 A
November, 2020 - Rev. 1 |
|
NVTFS024N06C
|
283Kb / 8P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 22.6 m, 24 A
November, 2020 - Rev. 1 |
|
NVTFS030N06C
|
281Kb / 8P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 29.7 m, 19 A
|