Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVTYS010N04CL Datasheet (PDF) - ON Semiconductor

NVTYS010N04CL Datasheet PDF - ON Semiconductor
Part # NVTYS010N04CL
Download  NVTYS010N04CL Download
File Size   332.09 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 9.5 m, 43 A

NVTYS010N04CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVTYS010N04CL Datasheet PDF - ON Semiconductor

Part # NVTYS010N04CL
Download  NVTYS010N04CL Click to download

File Size   332.09 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 9.5 m, 43 A

NVTYS010N04CL Datasheet (HTML) - ON Semiconductor


NVTYS010N04CL Product details

Features
• Small Footprint (3.3 x 3.3 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVTYS010N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NVTYS010N04CTWG ONSEMI-NVTYS010N04CTWG Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
More results


Similar Description - NVTYS010N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMFS6H852N ONSEMI-NTMFS6H852N Datasheet
187Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 14.2 m, 43 A
June,2020-Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NTTFS6H850N ONSEMI-NTTFS6H850N Datasheet
204Kb / 7P
MOSFET ??Power, Single, N-Channel 80 V, 9.5 m, 68 A
June, 2019 ??Rev. 1
NVTFS9D6P04M8L ONSEMI-NVTFS9D6P04M8L Datasheet
226Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4
NVMFS6H852N ONSEMI-NVMFS6H852N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 14.2 m, 43 A
June, 2020 ??Rev. 2
NVTFS6H850N ONSEMI-NVTFS6H850N Datasheet
204Kb / 7P
MOSFET- Power, Single N-Channel 80 V, 9.5 m, 68 A
December, 2019 - Rev. 2
NVMFS9D6P04M8L ONSEMI-NVMFS9D6P04M8L Datasheet
136Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -77 A
June, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com