Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP98DP10LM Datasheet (PDF) - Infineon Technologies AG

ISP98DP10LM Datasheet PDF - Infineon Technologies AG
Part # ISP98DP10LM
Download  ISP98DP10LM Download
File Size   1777.88 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transistor,-100V

ISP98DP10LM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP98DP10LM Datasheet PDF - Infineon Technologies AG

Part # ISP98DP10LM
Download  ISP98DP10LM Click to download

File Size   1777.88 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transistor,-100V

ISP98DP10LM Datasheet (HTML) - Infineon Technologies AG


ISP98DP10LM Product details

Features
*P-channel
*Very low on-resistance Rgs(on) @ Vgs=4.5 V
*Logic level
*100% avalanche tested
*Enhancement mode
*Pb-free lead plating;RoHS compliant
*Halogen-free according to IEC61249-2-21




Similar Part No. - ISP98DP10LM

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
Single and Dual Regulated Outputs
logo
Macromatic Industrial C...
ISP024A MACROMATIC-ISP024A Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
High-Density Programmable Logic
More results


Similar Description - ISP98DP10LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
BSZ440N10NS3G INFINEON-BSZ440N10NS3G Datasheet
178Kb / 9P
OptiMOS?? Power-Transistor
Rev. 2.0 2010-04-26
IPA086N10N3G_1508 INFINEON-IPA086N10N3G_1508 Datasheet
534Kb / 10P
OptiMOS??Power-Transistor, 100V
Rev. 2.4 2015-08-26
BSZ160N10NS3 INFINEON-BSZ160N10NS3 Datasheet
495Kb / 10P
OptiMOS??Power-Transistor, 100V
Rev. 2.1 2015-09-17
IPB19DP10NM INFINEON-IPB19DP10NM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPD11DP10NM INFINEON-IPD11DP10NM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPD18DP10LM INFINEON-IPD18DP10LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPD19DP10NM INFINEON-IPD19DP10NM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPP330P10NM INFINEON-IPP330P10NM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
ISP16DP10LM INFINEON-ISP16DP10LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
Rev.2.0, 2021-05-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com