Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21590 Datasheet (PDF) - Infineon Technologies AG

TDA21590 Datasheet PDF - Infineon Technologies AG
Part # TDA21590
Download  TDA21590 Download
File Size   1102.54 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High frequency, low profile DC-DC converters

TDA21590 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA21590 Datasheet PDF - Infineon Technologies AG

Part # TDA21590
Download  TDA21590 Click to download

File Size   1102.54 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High frequency, low profile DC-DC converters

TDA21590 Datasheet (HTML) - Infineon Technologies AG


TDA21590 Product details

1 Description
• High frequency, low profile DC-DC converters;
• Voltage Regulators for CPUs, GPUs and DDR memory arrays;
• Telecom controlled and uncontrolled
The TDA21590 integrated power-stage contains a low quiescent current synchronous buck gate-driver IC which is
co-packed with control and synchronous MOSFETs along with an active diode structure that achieves low Vsd
similar to a schottky with very little reverse recovery charge. The package is optimized for PCB layout, heat
transfer, driver/MOSFET control timing, and minimal switch node ringing when layout guidelines are followed.
The paired gate driver and MOSFET combination enables higher efficiency at lower output voltages required by
cutting edge CPU, GPU and DDR memory designs.
The internal MOSFET sensing achieves superior current sense accuracy vs. best-in-class controller-based Inductor
DCR sense methods.
Protection includes IC temperature reporting and over temperature protection feature (OTP with thermal
shutdown), cycle-by-cycle over current protection (OCP), control MOSFET short detection (HSS - High side short
detection), VDRV and bootstrap under-voltage protection. The TDA21590 also features "refreshing" of bootstrap
capacitor to prevent the bootstrap capacitor from over-discharging.
Operation of up to 1.5 MHz switching frequency enables high performance transient response, allowing
miniaturization of output inductors, as well as input and output capacitors while maintaining industry leading
efficiency.
Features
• Integrated driver, active diode, control MOSFET Q1 and synchronous MOSFET Q2
• On-chip MOSFET Current sensing and reporting at 5 μA/A.
• Input voltage (VIN) range of 4.25 V to 16 V
• VCC and VDRV supply of 4.25 V to 5.5 V
• Output voltage range from 0.225 V up to 5.5 V at VIN = 12 V
• Output current capability of 90 A
• Operation up to 1.5 MHz
• Enhanced Fault reporting and identification
• VDRV under voltage lockout (UVLO)
• Bootstrap under-voltage protection
• 8mV / °C temperature analog output
• Over temperature protection and thermal shutdown
• Cycle-by-cycle over current Protection (OCP) and flag
• Control MOSFET short (HSS) detection and flag
• Auto-replenishment on bootstrap capacitor
• Compatible with 3.3 V tri-state PWM Input
• Body-Braking™ load transient support
• DEEP SLEEP mode for power saving via EN= low (32 μA typ)
• Small 5 mm x 6 mm x 0.9 mm PQFN package
• Lead free RoHS compliant package




Similar Part No. - TDA21590

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2151 PHILIPS-TDA2151 Datasheet
361Kb / 8P
LINEAR INTEGRATED CIRCUIT
10/80
logo
Infineon Technologies A...
TDA21520 INFINEON-TDA21520 Datasheet
1Mb / 20P
OptiMOSTM Powerstage
Rev 2.22 2022-05-19
TDA21520AUMA1 INFINEON-TDA21520AUMA1 Datasheet
1Mb / 20P
OptiMOSTM Powerstage
Rev 2.22 2022-05-19
TDA21535 INFINEON-TDA21535 Datasheet
997Kb / 20P
OptiMOSTM Powerstage
Rev 2.21 2021-08-19
TDA21535AUMA1 INFINEON-TDA21535AUMA1 Datasheet
997Kb / 20P
OptiMOSTM Powerstage
Rev 2.21 2021-08-19
More results


Similar Description - TDA21590

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
High frequency DC-DC converters
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
HIGH FREQUENCY DC-DC CONVERTERS
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
High frequency DC-DC converters
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com