Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFS6H858NL Datasheet (PDF) - ON Semiconductor

NVMFS6H858NL Datasheet PDF - ON Semiconductor
Part # NVMFS6H858NL
Download  NVMFS6H858NL Download
File Size   186.44 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A

NVMFS6H858NL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS6H858NL Datasheet PDF - ON Semiconductor

Part # NVMFS6H858NL
Download  NVMFS6H858NL Click to download

File Size   186.44 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A

NVMFS6H858NL Datasheet (HTML) - ON Semiconductor


NVMFS6H858NL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFS6H858NLWF − Wettable Flank Option for Enhanced Optical Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMFS6H858NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6H858N ONSEMI-NVMFS6H858N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A
June, 2020 ??Rev. 2
NVMFS6H858NT1G ONSEMI-NVMFS6H858NT1G Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A
June, 2020 ??Rev. 2
NVMFS6H858NWFT1G ONSEMI-NVMFS6H858NWFT1G Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A
June, 2020 ??Rev. 2
More results


Similar Description - NVMFS6H858NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS6H860NL ONSEMI-NTTFS6H860NL Datasheet
138Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 20 m, 30 A
March, 2020 ??Rev. 0
NTBG080N120SC1 ONSEMI-NTBG080N120SC1 Datasheet
240Kb / 8P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 1200 V, 80 m, 30 A
April, 2020 ??Rev. 1
NTBG160N120SC1 ONSEMI-NTBG160N120SC1 Datasheet
245Kb / 8P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 1200 V, 160 m, 19.5 A
February, 2020 ??Rev. 0
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTMFS6H858NL ONSEMI-NTMFS6H858NL Datasheet
198Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
January, 2020-Rev. 0
NTMFSC011N08M7 ONSEMI-NTMFSC011N08M7 Datasheet
304Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2
NTMYS020N08LH ONSEMI-NTMYS020N08LH Datasheet
280Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020-Rev. 0
NVTYS020N08HL ONSEMI-NVTYS020N08HL Datasheet
267Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 20 m, 30 A
September, 2021-Rev. 0
NVMYS020N08LH ONSEMI-NVMYS020N08LH Datasheet
281Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com