Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2909681 Datasheet (PDF) - PHOENIX CONTACT

2909681 Datasheet PDF - PHOENIX CONTACT
Part # 2909681
Download  2909681 Download
File Size   621.68 Kbytes
Page   49 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/48DC/5

2909681 Datasheet (PDF)

Go To PDF Page Download Datasheet
2909681 Datasheet PDF - PHOENIX CONTACT

Part # 2909681
Download  2909681 Click to download

File Size   621.68 Kbytes
Page   49 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/48DC/5

2909681 Datasheet (HTML) - PHOENIX CONTACT


2909681 Product details

Description
QUINT POWER power supplies with SFB Technology and
preventive function monitoring ensure superior system availability.

Powerful
– SFB technology: 6 times the nominal current for 15 ms
– Power reserves:
Static boost of up to 125% (PN) for a sustained period
Dynamic boost of up to 200% (PN) for 5 s
Robust
– Mains buffering ≥ 20 ms
– High degree of electrical immunity, thanks to integrated
gas-filled surge arrester (6 kV)
Preventive
– Comprehensive signaling:
Analog signal, digital signal, relay contact, LED bar
graph
Can be ordered pre-configured
– Perform configuration online and order 1 or more units




Similar Part No. - 2909681

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909681 PHOENIX-2909681 Datasheet
56Kb / 2P
Programming adapter - TWN4 MIFARE NFC USB ADAPTER
2909681 PHOENIX-2909681 Datasheet
1Mb / 50P
QUINT4-PS/1AC/24DC/40
2019-11-11
2909681 PHOENIX-2909681 Datasheet
869Kb / 49P
QUINT4-PS/24DC/24DC/20/SC
2020-10-23
2909681 PHOENIX-2909681 Datasheet
876Kb / 49P
QUINT4-PS/24DC/24DC/20/PT
2020-10-23
2909681 PHOENIX-2909681 Datasheet
868Kb / 50P
QUINT4-PS/24DC/24DC/20/SC/
2020-10-13
More results


Similar Description - 2909681

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
103380 PHOENIX-103380 Datasheet
385Kb / 14P
QUINT-PS/ 1AC/48DC/ 5
107099 PHOENIX-107099 Datasheet
546Kb / 38P
QUINT4-PS/1AC/24DC/5
107101 PHOENIX-107101 Datasheet
551Kb / 39P
QUINT4-PS/1AC/24DC/20
107771 PHOENIX-107771 Datasheet
626Kb / 45P
QUINT4-PS/1AC/48DC/10
108148 PHOENIX-108148 Datasheet
554Kb / 25P
TRIO-PS-2G/1AC/48DC/5
2320937 PHOENIX-2320937 Datasheet
37Kb / 1P
QUINT-PS/ 1AC/48DC/ 5/WH
2866491 PHOENIX-2866491 Datasheet
131Kb / 6P
TRIO-PS/ 1AC/48DC/ 5
2904626 PHOENIX-2904626 Datasheet
508Kb / 15P
Power supply unit - QUINT4-PS/1AC/48DC/10/CO
01/21/2022
2904612 PHOENIX-2904612 Datasheet
711Kb / 20P
Power supply unit - QUINT4-PS/1AC/48DC/20
Nov 16, 2022
2904611 PHOENIX-2904611 Datasheet
793Kb / 24P
Power supply unit - QUINT4-PS/1AC/48DC/10
Dec 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com