Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2901664 Datasheet (PDF) - PHOENIX CONTACT

2901664 Datasheet PDF - PHOENIX CONTACT
Part # 2901664
Download  2901664 Download
File Size   868.33 Kbytes
Page   50 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/24DC/24DC/20/SC/

2901664 Datasheet (PDF)

Go To PDF Page Download Datasheet
2901664 Datasheet PDF - PHOENIX CONTACT

Part # 2901664
Download  2901664 Click to download

File Size   868.33 Kbytes
Page   50 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/24DC/24DC/20/SC/

2901664 Datasheet (HTML) - PHOENIX CONTACT


2901664 Product details

Description
QUINT POWER DC/DC converters with SFB Technology
and preventive function monitoring ensure superior system availability.

Powerful
– SFB Technology: 6 times the nominal current for 15 ms
– Power reserves:
Static boost of up to 125% (PN) for a sustained period
Dynamic boost of up to 200% (PN) for 5 s
Robust
– ATEX/IECEx approval with protective coating
Preventive
– Comprehensive signaling:
Analog signal, digital signal, relay contact, LED bar
graph




Similar Part No. - 2901664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901664 PHOENIX-2901664 Datasheet
925Kb / 34P
Uninterruptible power supply
2018-05-02
2901664 PHOENIX-2901664 Datasheet
621Kb / 49P
QUINT4-PS/1AC/48DC/5
2018-09-05
2901664 PHOENIX-2901664 Datasheet
1Mb / 50P
QUINT4-PS/1AC/24DC/40
2019-11-11
2901664 PHOENIX-2901664 Datasheet
869Kb / 49P
QUINT4-PS/24DC/24DC/20/SC
2020-10-23
2901664 PHOENIX-2901664 Datasheet
876Kb / 49P
QUINT4-PS/24DC/24DC/20/PT
2020-10-23
More results


Similar Description - 2901664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107101 PHOENIX-107101 Datasheet
551Kb / 39P
QUINT4-PS/1AC/24DC/20
2904597 PHOENIX-2904597 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2904598 PHOENIX-2904598 Datasheet
305Kb / 28P
QUINT4-PS/1AC/24DC/2.5/SC
2904599 PHOENIX-2904599 Datasheet
301Kb / 28P
QUINT4-PS/1AC/24DC/3.8/SC
1046805 PHOENIX-1046805 Datasheet
319Kb / 12P
DC/DC converters - QUINT4-PS/24DC/24DC/20/SC
02/16/2021
108837 PHOENIX-108837 Datasheet
869Kb / 49P
QUINT4-PS/24DC/24DC/20/SC
2020-10-23
109251 PHOENIX-109251 Datasheet
876Kb / 49P
QUINT4-PS/24DC/24DC/20/PT
2020-10-23
107721 PHOENIX-107721 Datasheet
305Kb / 28P
QUINT4-PS/1AC/24DC/2.5/SC
2017-12-13
107722 PHOENIX-107722 Datasheet
301Kb / 28P
QUINT4-PS/1AC/24DC/3.8/SC
2018-01-17
107720 PHOENIX-107720 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2017-12-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com