|
Marshalling panel, nom. voltage: 250 V, nominal current: 8 A, connection method: Push-in connection, 1st, 2nd, 3rd, 4th, 5th, 6th, 7th and 8th level, Rated cross section: 1.5 mm2, cross section: 0.14 mm2 - 2.5 mm2, mounting: NS 35/7,5, NS 35/15, color: blue, color of connection elements: white, red
Your advantages
• Blue version for using in intrinsically safe circuits in potentially explosive areas (type of protection Ex i)
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• Individual color assignment of cable and terminal point to ensure error-free, safe operation
• Tool-free wiring in a confined space thanks to compact size
• The 2.3 mm test connection enables testing between the conductors with test pins commonly used in the industry
|