Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273068 Datasheet (PDF) - PHOENIX CONTACT

3273068 Datasheet PDF - PHOENIX CONTACT
Part # 3273068
Download  3273068 Download
File Size   928.77 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-NS35 BU

3273068 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273068 Datasheet PDF - PHOENIX CONTACT

Part # 3273068
Download  3273068 Click to download

File Size   928.77 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-NS35 BU

3273068 Datasheet (HTML) - PHOENIX CONTACT


3273068 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Block with vertical alignment and integrated supply, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color:blue

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273068

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273060 PHOENIX-3273060 Datasheet
905Kb / 38P
Distribution block - PTFIX 18X2,5-NS35 VT
Jul 6, 2022
3273061 PHOENIX-3273061 Datasheet
900Kb / 37P
Distribution block - PTFIX 18X2,5-NS35 PK
Sep 8, 2022
3273062 PHOENIX-3273062 Datasheet
906Kb / 38P
Distribution block - PTFIX 18X2,5-NS35 OG
Jul 6, 2022
3273064 PHOENIX-3273064 Datasheet
921Kb / 37P
Distribution block - PTFIX 18X2,5-NS35-FE
Jul 21, 2022
3273066 PHOENIX-3273066 Datasheet
927Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 GY
Jun 3, 2022
More results


Similar Description - 3273068

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273066 PHOENIX-3273066 Datasheet
927Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 GY
Jun 3, 2022
3273078 PHOENIX-3273078 Datasheet
928Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 WH
Jun 3, 2022
3273332 PHOENIX-3273332 Datasheet
733Kb / 32P
Distribution block - PTFIX 6/6X2,5 BU
Jun 2, 2022
3273080 PHOENIX-3273080 Datasheet
927Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 BK
Jun 2, 2022
3273002 PHOENIX-3273002 Datasheet
848Kb / 36P
Distribution block - PTFIX 6X2,5-NS35 BU
Jun 22, 2022
3273084 PHOENIX-3273084 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 OG
Jun 22, 2022
3273072 PHOENIX-3273072 Datasheet
930Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 YE
Jul 6, 2022
3273074 PHOENIX-3273074 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 GN
Jun 16, 2022
3273083 PHOENIX-3273083 Datasheet
924Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS35 PK
Sep 8, 2022
3273086 PHOENIX-3273086 Datasheet
939Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS35-FE
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com