Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2361 Datasheet (PDF) - NXP Semiconductors

LPC2361 Datasheet PDF - NXP Semiconductors
Part # LPC2361_V01
Download  LPC2361 Download
File Size   484.97 Kbytes
Page   65 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC

LPC2361 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC2361 Datasheet PDF - NXP Semiconductors

Part # LPC2361_V01
Download  LPC2361 Click to download

File Size   484.97 Kbytes
Page   65 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC

LPC2361 Datasheet (HTML) - NXP Semiconductors


LPC2361 Product details

General description
The LPC2361/2362 microcontrollers are based on a 16-bit/32-bit ARM7TDMI-S CPU with
real-time emulation that combines the microcontroller with up to 128 kB of embedded
high-speed flash memory. A 128-bit wide memory interface and a unique accelerator
architecture enable 32-bit code execution at the maximum clock rate. For critical
performance in interrupt service routines and DSP algorithms, this increases performance
up to 30 % over Thumb mode. For critical code size applications, the alternative 16-bit
Thumb mode reduces code by more than 30 % with minimal performance penalty.
The LPC2361/2362 are ideal for multi-purpose serial communication applications. They
incorporate a 10/100 Ethernet Media Access Controller (MAC) (LPC2362 only), USB full
speed device with 4 kB of endpoint RAM, four UARTs, two CAN channels, an SPI
interface, two Synchronous Serial Ports (SSP), three I2C interfaces, and an I2S interface.
This blend of serial communications interfaces combined with an on-chip 4 MHz internal
oscillator, SRAM of up to 32 kB, 16 kB SRAM for Ethernet (available as general purpose
SRAM for the LPC2361), 8 kB SRAM for USB and general purpose use, together with
2 kB battery powered SRAM make these devices very well suited for communication
gateways and protocol converters. Various 32-bit timers, an improved 10-bit ADC, 10-bit
DAC, one PWM unit, a CAN control unit, and up to 70 fast GPIO lines with up to 12 edge
or level sensitive external interrupt pins make these microcontrollers particularly suitable
for industrial control and medical systems.

Features and benefits
 ARM7TDMI-S processor, running at up to 72 MHz.
 Up to 128 kB on-chip flash program memory with In-System Programming (ISP) and
In-Application Programming (IAP) capabilities. Flash program memory is on the ARM
local bus for high performance CPU access.
 8 kB (LPC2361) or 32 kB (LPC2362) of SRAM on the ARM local bus for high
performance CPU access.
 16 kB SRAM for Ethernet interface. Can also be used as general purpose SRAM.
 8 kB SRAM for general purpose DMA use; also accessible by the USB.
 Dual Advanced High-performance Bus (AHB) system that provides for simultaneous
Ethernet DMA (LPC2362 only), USB DMA, and program execution from on-chip flash
with no contention between those functions. A bus bridge allows the Ethernet DMA to
access the other AHB subsystem.
 Advanced Vectored Interrupt Controller (VIC), supporting up to 32 vectored interrupts.
 General Purpose DMA controller (GPDMA) on AHB that can be used with the SSP
serial interfaces, the I2S port, as well as for memory-to-memory transfers.
 Serial interfaces:
 Ethernet MAC with associated DMA controller (LPC2362 only). These functions
reside on an independent AHB.
 USB 2.0 device/host/OTG with on-chip PHY and associated DMA controller.
 Four UARTs with fractional baud rate generation, one with modem control I/O, one
with IrDA support, all with FIFO.
 CAN controller with two channels.
 SPI controller.
 Two SSP controllers, with FIFO and multi-protocol capabilities. One is an alternate
for the SPI port, sharing its interrupt and pins. These can be used with the GPDMA
controller.
 Three I2C-bus interfaces (one with open-drain and two with standard port pins).
 I2S (Inter-IC Sound) interface for digital audio input or output. It can be used with
the GPDMA.
 Other peripherals:
 70 general purpose I/O pins with configurable pull-up/down resistors.
 10-bit ADC with input multiplexing among 6 pins.
 10-bit DAC.
 Four general purpose timers/counters with a total of 8 capture inputs and 10
compare outputs. Each timer block has an external count input.
 One PWM/timer block with support for three-phase motor control. The PWM has
two external count inputs.
 Real-Time Clock (RTC) with separate power pin, clock source can be the RTC
oscillator or the APB clock.
 2 kB SRAM powered from the RTC power pin, allowing data to be stored when the
rest of the chip is powered off.
 WatchDog Timer (WDT). The WDT can be clocked from the internal RC oscillator,
the RTC oscillator, or the APB clock.
 Standard ARM test/debug interface for compatibility with existing tools.
 Emulation trace module supports real-time trace.
 Single 3.3 V power supply (3.0 V to 3.6 V).
 Four reduced power modes: idle, sleep, power-down, and deep power-down.
 Four external interrupt inputs configurable as edge/level sensitive. All pins on PORT0
and PORT2 can be used as edge sensitive interrupt sources.
 Processor wake-up from Power-down mode via any interrupt able to operate during
Power-down mode (includes external interrupts, RTC interrupt, USB activity, Ethernet
wake-up interrupt).
 Two independent power domains allow fine tuning of power consumption based on
needed features.
 Each peripheral has its own clock divider for further power saving.
 Brownout detect with separate thresholds for interrupt and forced reset.
 On-chip power-on reset.
 On-chip crystal oscillator with an operating range of 1 MHz to 25 MHz.
 4 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as
the system clock. When used as the CPU clock, does not allow CAN and USB to run.




Similar Part No. - LPC2361_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2361FBD100 NXP-LPC2361FBD100 Datasheet
236Kb / 50P
Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-11 November 2008
LPC2361FBD100 NXP-LPC2361FBD100 Datasheet
881Kb / 57P
Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 04-4 March 2010
LPC2361 NXP-LPC2361_10 Datasheet
881Kb / 57P
Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 04-4 March 2010
More results


Similar Description - LPC2361_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2388 PHILIPS-LPC2388 Datasheet
1Mb / 57P
Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev.00.02-28 January 2008
LPC2361 NXP-LPC2361 Datasheet
236Kb / 50P
Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-11 November 2008
LPC2387_0810 NXP-LPC2387_0810 Datasheet
241Kb / 52P
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 03-29 October 2008
LPC2388 NXP-LPC2388 Datasheet
275Kb / 61P
Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 01-19 December 2008
LPC2361 NXP-LPC2361_10 Datasheet
881Kb / 57P
Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 04-4 March 2010
LPC2387 NXP-LPC2387_11 Datasheet
464Kb / 64P
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 4-10 February 2011
LPC2387 NXP-LPC2387_V01 Datasheet
439Kb / 66P
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 5.1??6 October 2013
LPC2388 NXP-LPC2388_V01 Datasheet
378Kb / 74P
Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
Rev. 3 ??15 October 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com