Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541A Datasheet (PDF) - NXP Semiconductors

PCA9541A Datasheet PDF - NXP Semiconductors
Part # PCA9541A
Download  PCA9541A Download
File Size   383.93 Kbytes
Page   45 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-to-1 I2C-bus master selector with interrupt logic and reset

PCA9541A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9541A Datasheet PDF - NXP Semiconductors

Part # PCA9541A
Download  PCA9541A Click to download

File Size   383.93 Kbytes
Page   45 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-to-1 I2C-bus master selector with interrupt logic and reset

PCA9541A Datasheet (HTML) - NXP Semiconductors


PCA9541A Product details

General description
The PCA9541A is a 2-to-1 I2C-bus master selector designed for high reliability dual
master I2C-bus applications where system operation is required, even when one master
fails or the controller card is removed for maintenance. The two masters (for example,
primary and back-up) are located on separate I2C-buses that connect to the same
downstream I2C-bus slave devices. I2C-bus commands are sent by either I2C-bus master and are used to select one master at a time. Either master at any time can gain control of the slave devices if the other master is disabled or removed from the system. The failed master is isolated from the system and does not affect communication between the on-line master and the slave devices on the downstream I2C-bus.
Two versions are offered for different architectures. PCA9541A/01 with channel 0
selected at start-up, and PCA9541A/03 with no channel selected after start-up.
The interrupt outputs are used to provide an indication of which master has control of the bus. One interrupt input (INT_IN) collects downstream information and propagates it to the 2 upstream I2C-buses (INT0 and INT1) if enabled. INT0 and INT1 are also used to let the previous bus master know that it is not in control of the bus anymore and to indicate the completion of the bus recovery/initialization sequence. If the masking option is set, those interrupts can be disabled and do not generate an interrupt.
A bus recovery/initialization if enabled sends nine clock pulses, a not acknowledge, and a
STOP condition in order to set the downstream I2C-bus devices to an initialized state
before actually switching the channel to the selected master. An interrupt is sent to the upstream channel when the recovery/initialization procedure is completed. An internal bus sensor senses the downstream I2C-bus traffic and generates an interrupt if a channel switch occurs during a non-idle bus condition. This function is enabled when
the PCA9541A recovery/initialization is not used. The interrupt signal informs the master
that an external I2C-bus recovery/initialization must be performed. It can be disabled and an interrupt is not generated. The pass gates of the switches are constructed such that the VDD pin can be used to limit the maximum high voltage, which will be passed by the PCA9541A. This allows the use of different bus voltages on each pair, so that 1.8 V, 2.5 V, or 3.3 V devices can communicate with 5 V devices without any additional protection. The PCA9541A does not isolate the capacitive loading on either side of the device, so the designer must take into account all trace and device capacitances on both sides of the device, and pull-up resistors must be used on all channels. External pull-up resistors pull the bus to the desired voltage level for each channel. All I/O pins are 6.0 V tolerant.An active LOW reset input allows the PCA9541A to be initialized. Pulling the RESET pin LOW resets the I2C-bus state machine and configures the device to its default state as does the internal Power-On Reset (POR) function.

Features and benefits
 2-to-1 bidirectional master selector
 I2C-bus interface logic; compatible with SMBus standards
 PCA9541A/01 powers up with Channel 0 selected
 PCA9541A/03 powers up with no channel selected and either master can take control
of the bus
 Active LOW interrupt input
 2 active LOW interrupt outputs
 Active LOW reset input
 4 address pins allowing up to 16 devices on the I2C-bus
 Channel selection via I2C-bus
 Bus initialization/recovery function
 Bus traffic sensor
 Low Ron switches
 Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
 No glitch on power-up
 Supports hot insertion
 Software identical for both masters
 Low standby current
 Operating power supply voltage range of 2.3 V to 5.5 V
 6.0 V tolerant inputs
 0 Hz to 400 kHz clock frequency
 ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
 Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
 Packages offered: SO16, TSSOP16, HVQFN16




Similar Part No. - PCA9541A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9541A NXP-PCA9541A Datasheet
220Kb / 41P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 03-16 July 2009
PCA9541A NXP-PCA9541A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9541ABS/01 NXP-PCA9541ABS/01 Datasheet
220Kb / 41P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 03-16 July 2009
PCA9541ABS/03 NXP-PCA9541ABS/03 Datasheet
220Kb / 41P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 03-16 July 2009
PCA9541AD/01 NXP-PCA9541AD/01 Datasheet
220Kb / 41P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 03-16 July 2009
More results


Similar Description - PCA9541A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9541 PHILIPS-PCA9541 Datasheet
279Kb / 30P
2-to-1 I2C master selector with interrupt logic and reset
2004 Oct 01
PCA9541 NXP-PCA9541 Datasheet
216Kb / 43P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 05-1 October 2007
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9541 NXP-PCA9541_08 Datasheet
215Kb / 43P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 06-11 September 2008
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9541 NXP-PCA9541_09 Datasheet
225Kb / 41P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 07-2 July 2009
PCA9541A NXP-PCA9541A Datasheet
220Kb / 41P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 03-16 July 2009
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com