Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1285 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADS1285 Datasheet PDF - Texas Instruments
Part # ADS1285
Download  ADS1285 Download
File Size   740.53 Kbytes
Page   7 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications

ADS1285 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1285 Datasheet PDF - Texas Instruments

Part # ADS1285
Download  ADS1285 Click to download

File Size   740.53 Kbytes
Page   7 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications

ADS1285 Datasheet (HTML) - Texas Instruments


ADS1285 Product details

1 Features
• Power-scalable modes (DR at 500 SPS, gain = 1):
– High-power mode: 134-dB DR, 11.5 mW
– Mid-power mode: 134-dB DR, 8.5 mW
– Low-power mode: 131-dB DR, 6.5 mW
• THD: –120 dB
• CMRR: 125 dB
• Data rate: 125 SPS to 4000 SPS
• PGA gain: 1 to 64
• Power-saving buffer mode
• Sample rate converter
• Linear- and minimum-phase digital filter
• Programmable high-pass filter
• Test input channel
• Offset and gain calibration
• General-purpose I/Os
• Analog power supply: 3.3 V or 5 V
• Single or dual power-supply operation
• Reference option: 5 V, 4.096 V, or 2.5 V
2 Applications
• Energy exploration
• Passive seismic monitoring
• Earth sciences
• Precision instrumentation
3 Description
The ADS1285 is a high-resolution, low-power
consumption, analog-to-digital converter (ADC), with
a programmable gain amplifier (PGA) and a finite
impulse response (FIR) filter. The ADC is suitable for
the demanding needs of seismic equipment requiring
precision digitization with long battery run time.
The ADC features a low-noise PGA (6 nV/√Hz)
suitable for direct connection to geophones and
transformer-coupled hydrophones without the need of
external amplifiers.
Power-scalable modes trade-off dynamic range
against power consumption. Optional buffer operation
bypasses the PGA to further reduce power
consumption.
The ADC incorporates a high-resolution, low-drift,
delta-sigma (ΔΣ) modulator and a FIR digital filter with
programmable phase response. The high-pass filter
(HPF) removes dc and low-frequency content from
the signal. The sample rate converter (SRC) corrects
the effect of clock frequency error to within 7-ppb
resolution.
The ADC is available in a compact 5-mm × 5-mm
VQFN package and is fully specified over the –40°C
to +85°C temperature range.




Similar Part No. - ADS1285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1285 TI-ADS1285 Datasheet
2Mb / 67P
ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
REVISED DECEMBER 2022
ADS1285IRHBR TI-ADS1285IRHBR Datasheet
2Mb / 67P
ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
REVISED DECEMBER 2022
ADS1285IRHBT TI-ADS1285IRHBT Datasheet
2Mb / 67P
ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
REVISED DECEMBER 2022
ADS1285 TI-ADS1285_V01 Datasheet
2Mb / 67P
ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
REVISED DECEMBER 2022
More results


Similar Description - ADS1285

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
1bit Delta-Sigma Stereo ADC
logo
Analog Devices
MT-023 AD-MT-023 Datasheet
942Kb / 11P
ADC Architectures IV: Sigma-Delta ADC Advanced Concepts and Applications
Rev.A, 10/08, WK
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
logo
Texas Instruments
ADS1282-HT TI1-ADS1282-HT_16 Datasheet
1Mb / 59P
High-Temperature High-Resolution Delta Sigma ADC
ADS1282-SP TI1-ADS1282-SP Datasheet
1Mb / 61P
Radiation Tolerant High-Resolution Delta Sigma ADC
logo
Analog Devices
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
logo
Texas Instruments
ADS1285 TI-ADS1285_V01 Datasheet
2Mb / 67P
ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com