Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE10DB Datasheet (PDF) - Vishay Siliconix

SE10DB Datasheet PDF - Vishay Siliconix
Part # SE10DB_V01
Download  SE10DB Download
File Size   120.29 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount ESD Capability Rectifiers

SE10DB Datasheet (PDF)

Go To PDF Page Download Datasheet
SE10DB Datasheet PDF - Vishay Siliconix

Part # SE10DB_V01
Download  SE10DB Click to download

File Size   120.29 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount ESD Capability Rectifiers

SE10DB Datasheet (HTML) - Vishay Siliconix


SE10DB Product details

FEATURES
• Very low profile - typical height of 1.7 mm
• Ideal for automated placement
• Oxide planar chip junction
• Low forward voltage drop
• ESD capability
• AEC-Q101 qualified
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose, power line polarity protection, in both
consumer and automotive applications.

MECHANICAL DATA
Case: SMPD (TO-263AC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: as marked




Similar Part No. - SE10DB_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SE10DB VISHAY-SE10DB Datasheet
125Kb / 6P
Surface Mount ESD Capability Rectifiers
28-Apr-14
More results


Similar Description - SE10DB_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SE07PB VISHAY-SE07PB Datasheet
87Kb / 5P
Surface Mount ESD Capability Rectifiers
19-Apr-11
SE10PB VISHAY-SE10PB Datasheet
90Kb / 5P
Surface Mount ESD Capability Rectifiers
19-Apr-11
SE20DB VISHAY-SE20DB Datasheet
123Kb / 6P
Surface Mount ESD Capability Rectifiers
24-Jun-14
SE20AFB VISHAY-SE20AFB Datasheet
124Kb / 6P
Surface Mount ESD Capability Rectifiers
20-Nov-13
SE20PB VISHAY-SE20PB Datasheet
102Kb / 5P
Surface Mount ESD Capability Rectifiers
27-Jul-15
SE20AFB VISHAY-SE20AFB_V01 Datasheet
122Kb / 5P
Surface-Mount ESD Capability Rectifiers
15-Apr-2020
SE20DB VISHAY-SE20DB_V01 Datasheet
138Kb / 5P
Surface-Mount ESD Capability Rectifiers
20-Jan-2022
SE20PAB VISHAY-SE20PAB_V01 Datasheet
152Kb / 5P
Surface-Mount ESD Capability Rectifiers
16-Jun-2020
SE30PAB VISHAY-SE30PAB_V01 Datasheet
152Kb / 5P
Surface-Mount ESD Capability Rectifiers
16-Jun-2020
SE40PB VISHAY-SE40PB_V01 Datasheet
109Kb / 5P
Surface-Mount ESD Capability Rectifiers
03-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com