Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA863A Datasheet (PDF) - Texas Instruments

OPA863A Datasheet PDF - Texas Instruments
Part # OPA863A
Download  OPA863A Download
File Size   1587.4 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx863A High-Precision, 110-MHz, Rail-to-Rail Input and Output Amplifier

OPA863A Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA863A Datasheet PDF - Texas Instruments

Part # OPA863A
Download  OPA863A Click to download

File Size   1587.4 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx863A High-Precision, 110-MHz, Rail-to-Rail Input and Output Amplifier

OPA863A Datasheet (HTML) - Texas Instruments


OPA863A Product details

1 Features
• Gain-bandwidth product: 50-MHz
• High precision
– Input offset voltage: 95-μV (maximum)
– Offset drift: 1-μV/°C (maximum)
• Low power
– Quiescent current: 750-μA/ch (typical)
– Supply voltage: 2.7-V to 12.6-V
• Input voltage noise: 5.9-nV/√Hz
• Slew rate: 105-V/μs
• Rail-to-rail input and output
• HD2/HD3: –129 dBc/–138 dBc at 20 kHz (2-VPP)
• Operating temperature range:
–40°C to +125°C
• Additional features:
– Overload power limit
– Output short-circuit protection
2 Applications
• Low-power SAR and ΔΣ ADC driver
• ADC reference buffer
• Low-side current sensing
• Photodiode TIA interface
• Inductive sensing
• Battery-powered instrumentation
• Gain and active filter stages
3 Description
The OPAx863A devices are low-power, unity-gain
stable, rail-to-rail input and output, voltage-feedback
operational amplifiers, trimmed in package to offer
high precision performance with maximum input offset
voltage of 95-μV and offset drift of 1-μV/℃ for high
accuracy measurements over temperature.
Consuming only 750-μA per channel, the OPAx863A
devices offer a gain-bandwidth product of 50-MHz,
slew rate of 105-V/μs with a voltage noise density
of 5.9-nV/√Hz. The rail-to-rail input stage with 2.7-
V supply operation is useful in portable battery
powered applications. The rail-to-rail input stage
is well matched for gain-bandwidth product and
noise across the full input common-mode voltage
range, enabling superior performance with wide-input
dynamic range.
The OPAx863A devices include overload power
limiting to limit the increase in IQ with saturated
outputs, thereby preventing excessive power
dissipation in power conscious battery-operated
systems. The output stage is short-circuit protected,
making it conducive to ruggedized environments.




Similar Part No. - OPA863A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA863A TI-OPA863A Datasheet
1Mb / 30P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input and Output Amplifier
REVISED DECEMBER 2022
OPA863A TI-OPA863A Datasheet
1Mb / 39P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED AUGUST 2023
OPA863A TI1-OPA863A Datasheet
1Mb / 35P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED DECEMBER 2023
OPA863A TI1-OPA863A Datasheet
2Mb / 41P
OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
REVISED JUNE 2024
OPA863A TI-OPA863A Datasheet
2Mb / 42P
OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
OCTOBER 2024
More results


Similar Description - OPA863A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA863 TI-OPA863 Datasheet
3Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
OPA863 TI-OPA863_V02 Datasheet
2Mb / 42P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
OPA863 TI-OPA863_V03 Datasheet
3Mb / 46P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
OPA863 TI-OPA863_V04 Datasheet
2Mb / 45P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
logo
Rohm
TLR377HFV-LB ROHM-TLR377HFV-LB Datasheet
1Mb / 20P
High Precision and Input/Output Rail-to-Rail CMOS Operational Amplifier
13.Apr.2022 Rev.001
logo
Texas Instruments
OPA863 TI-OPA863_V05 Datasheet
2Mb / 49P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V06 Datasheet
2Mb / 52P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED DECEMBER 2022
OPA2863A TI-OPA2863A_V01 Datasheet
1Mb / 30P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input and Output Amplifier
REVISED DECEMBER 2022
OPA863A TI-OPA863A Datasheet
1Mb / 39P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED AUGUST 2023
OPA863A TI1-OPA863A_V01 Datasheet
1Mb / 35P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com