Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1822-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
PCM1822-Q1 Datasheet PDF - Texas Instruments
Part # PCM1822-Q1
Download  PCM1822-Q1 Download
File Size   5592.74 Kbytes
Page   123 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC

PCM1822-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1822-Q1 Datasheet PDF - Texas Instruments

Part # PCM1822-Q1
Download  PCM1822-Q1 Click to download

File Size   5592.74 Kbytes
Page   123 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC

PCM1822-Q1 Datasheet (HTML) - Texas Instruments


PCM1822-Q1 Product details

1 Features
• Multichannel high-performance ADC:
– 2-channel analog microphones or line-in
– 4-channel digital PDM microphones
– Up to 2 analog and up to 2 digital microphone
channels
• ADC line and microphone differential input
performance:
– Dynamic range (DR):
• 120-dB, dynamic range enhancer (DRE)
enabled
• 108-dB, DRE disabled
– THD+N: –95 dB
• ADC channel summing mode, DR performance:
– 111-dB, DRE disabled, 2-channel summing
• ADC input voltage:
– Differential, 2-VRMS full-scale inputs
– Single-ended, 1-VRMS full-scale inputs
• ADC sample rate (fS) = 8 kHz to 768 kHz
• Programmable channel settings:
– Channel gain: 0 dB to 42 dB, 0.5-dB steps
– Digital volume control: –100 dB to 27 dB
– Gain calibration with 0.1-dB resolution
– Phase calibration with 163-ns resolution
• Programmable microphone bias or supply voltage
generation
• Low-latency signal processing filter selection
• Programmable HPF and biquad digital filters
• Automatic gain controller (AGC)
• Voice activity detection (VAD)
• I2C control interface
• Integrated high-performance audio PLL
• Automatic clock divider setting configurations
• Audio serial data interface:
– Format: TDM, I2S, or left-justified (LJ)
– Word length: 16 bits, 20 bits, 24 bits, or 32 bits
– Master or slave interface
• Single-supply operation: 3.3 V or 1.8 V
• I/O-supply operation: 3.3 V or 1.8 V
• Power consumption for 1.8-V AVDD supply:
– 9.5 mW/channel at 48-kHz sample rate
2 Applications
• Automotive Active Noise Cancellation
• Automotive Head Unit
• Rear Seat Entertainment
• Digital Cockpit Processing Unit
• Telematics Control Unit
3 Description
The PCM5120-Q1 is a Burr-Brown™ highperformance,
audio analog-to-digital converter (ADC)
that supports simultaneous sampling of up to two
analog channels or four digital channels for the
pulse density modulation (PDM) microphone input.
The device supports line and microphone inputs, and
allows for both single-ended and differential input
configurations. The device integrates programmable
channel gain, digital volume control, a programmable
microphone bias voltage, a phase-locked loop (PLL),
a programmable high-pass filter (HPF), biquad filters,
low-latency filter modes, and allows for sample
rates up to 768 kHz, and allows for sample rates
up to 192 kHz. The device supports time-division
multiplexing (TDM), I2S, or left-justified (LJ) audio
formats, and can be controlled with the I2C interface.
These integrated high-performance features, along
with the ability to be powered from a single-supply
of 3.3 V or 1.8 V, make the device an excellent
choice for space-constrained audio systems in farfield
microphone recording applications.
The PCM5120-Q1 is specified from –40°C to +125°C,
and is offered in a 20-pin WQFN package.




Similar Part No. - PCM1822-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
2Mb / 41P
PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 117P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 123P
PCM6120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
5Mb / 127P
PCM6120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED AUGUST 2022
More results


Similar Description - PCM1822-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3120 TI-TLV320ADC3120 Datasheet
4Mb / 118P
TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5120 TI-TLV320ADC5120 Datasheet
4Mb / 120P
TLV320ADC5120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3120 TI-TLV320ADC3120_V01 Datasheet
5Mb / 120P
TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC6120 TI-TLV320ADC6120_V01 Datasheet
5Mb / 130P
TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC5120 TI-TLV320ADC5120_V01 Datasheet
5Mb / 130P
TLV320ADC5120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM3120-Q1 TI-PCM3120-Q1 Datasheet
5Mb / 117P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM6120-Q1 TI-PCM6120-Q1 Datasheet
5Mb / 123P
PCM6120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM6120-Q1 TI-PCM6120-Q1_V01 Datasheet
5Mb / 127P
PCM6120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED AUGUST 2022
PCM3120-Q1 TI-PCM3120-Q1_V01 Datasheet
5Mb / 120P
PCM3120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM5120-Q1 TI-PCM5120-Q1_V01 Datasheet
5Mb / 125P
PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com