Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1H9 Datasheet (PDF) - Vishay Siliconix

SS1H9 Datasheet PDF - Vishay Siliconix
Part # SS1H9
Download  SS1H9 Download
File Size   97.37 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Surface-Mount Schottky Rectifier

SS1H9 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS1H9 Datasheet PDF - Vishay Siliconix

Part # SS1H9
Download  SS1H9 Click to download

File Size   97.37 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Surface-Mount Schottky Rectifier

SS1H9 Datasheet (HTML) - Vishay Siliconix


SS1H9 Product details

FEATURES
• Low profile package
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3 or P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.

MECHANICAL DATA
Case: SMA (DO-214AC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/N-M3 - halogen-free, RoHS-compliant, commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, ...)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3, M3, HE3, and HM3 suffix meets JESD 201 class 2
whisker test
Polarity: color band denotes the cathode end




Similar Part No. - SS1H9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1H9 VISHAY-SS1H9 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS1H9 VISHAY-SS1H9 Datasheet
85Kb / 2P
High Voltage Surface Mount Schottky Rectifier
16-Aug-04
SS1H9 VISHAY-SS1H9 Datasheet
80Kb / 4P
High Voltage Surface Mount Schottky Rectifier
19-Apr-11
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
14-Dec-12
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
More results


Similar Description - SS1H9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2H9 VISHAY-SS2H9 Datasheet
270Kb / 3P
High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H9 VISHAY-SS3H9_08 Datasheet
95Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
17-Dec-12
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
14-Dec-12
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
High-Voltage Surface Mount Schottky Rectifier
28-Apr-14
SS2H9 VISHAY-SS2H9_15 Datasheet
82Kb / 5P
High Voltage Surface Mount Schottky Rectifier
16-Jan-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
High Voltage Surface-Mount Schottky Rectifier
23-Apr-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com