Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCFA86062WA Datasheet (PDF) - ON Semiconductor

PCFA86062WA Datasheet PDF - ON Semiconductor
Part # PCFA86062WA
Download  PCFA86062WA Download
File Size   275.68 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel 100 V, 1.8 m

PCFA86062WA Datasheet (PDF)

Go To PDF Page Download Datasheet
PCFA86062WA Datasheet PDF - ON Semiconductor

Part # PCFA86062WA
Download  PCFA86062WA Click to download

File Size   275.68 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel 100 V, 1.8 m

PCFA86062WA Datasheet (HTML) - ON Semiconductor


PCFA86062WA Product details

Features
• Typical RDS(on) = 1.4 m at VGS = 10 V
• Typical Qg(tot) = 95 nC at VGS = 10 V
• AEC−Q101 Qualified and PPAP Capable
• RoHS Compliant




Similar Part No. - PCFA86062WA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFA86062F ONSEMI-PCFA86062F Datasheet
243Kb / 7P
MOSFET ??Power, N-Channel 100 V, 1.8 m
June, 2021 ??Rev. 0
More results


Similar Description - PCFA86062WA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF04N62Z ONSEMI-NDF04N62Z Datasheet
159Kb / 9P
N-Channel Power MOSFET 620 V, 1.8 
April, 2010 ??Rev. 1
NTD6416AN ONSEMI-NTD6416AN Datasheet
142Kb / 7P
N-Channel Power MOSFET 100 V, 17 A, 81 m
November, 2009 ??Rev. 0
NTB004N10G ONSEMI-NTB004N10G Datasheet
216Kb / 7P
MOSFET - Power, N-Channel 100 V, 4.2 m, 201 A
January, 2022 ??Rev. 4
NVBLS1D7N10MC ONSEMI-NVBLS1D7N10MC Datasheet
271Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 100 V, 1.8 m, 265 A
April, 2022 ??Rev. 2
PCFA86062F ONSEMI-PCFA86062F Datasheet
243Kb / 7P
MOSFET ??Power, N-Channel 100 V, 1.8 m
June, 2021 ??Rev. 0
NVCR4LS004N10MCA ONSEMI-NVCR4LS004N10MCA Datasheet
241Kb / 6P
MOSFET – Power, N-Channel 100 V, 4.0 m
June, 2022 - Rev. 0
NVCR4LS1D6N10MCA ONSEMI-NVCR4LS1D6N10MCA Datasheet
169Kb / 6P
MOSFET – Power, N-Channel 100 V, 1.6 m
August, 2022 - Rev. 0
NVCR4LS1D4N10MCA ONSEMI-NVCR4LS1D4N10MCA Datasheet
166Kb / 6P
MOSFET – Power, N-Channel 100 V, 1.4 m
August, 2022 - Rev. 0
NVCR4LS2D5N10MCA ONSEMI-NVCR4LS2D5N10MCA Datasheet
256Kb / 6P
MOSFET – Power, N-Channel 100 V, 2.5 m
June, 2022 - Rev. 0
NTBLS1D7N10MC ONSEMI-NTBLS1D7N10MC Datasheet
272Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 100 V, 1.8 m, 272 A
April, 2022 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com