Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-6382364HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382364HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382364HM
Download  ATS-6382364HM Download
File Size   679.66 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Tool for PV Solar Pin and Socket Crimp Terminals

ATS-6382364HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382364HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382364HM
Download  ATS-6382364HM Click to download

File Size   679.66 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Tool for PV Solar Pin and Socket Crimp Terminals

ATS-6382364HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382364HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Tool kits are easily installed into the Hand Crimp Tool or the 63816-0300 Power Crimp Head which is installed
into the 63816-0200 (110 V) or the 63816-0250 (220 V) Battery Powered Tool.
Many different Tool kits can be used with a single Battery Powered Tool.
This tool is IPC/WHMA-A-620 Class 2 and RoHS compliant.




Similar Part No. - ATS-6382364HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-6382363HM MOLEX-ATS-6382363HM Datasheet
377Kb / 6P
Hand Crimp Tool: for Quick Disconnect, High Reliability Terminal (HRT)
10-14-10
ATS-6382366HM MOLEX-ATS-6382366HM Datasheet
416Kb / 7P
Hand Crimp Tool for Board-In Crimp Terminals
02-23-11
ATS-6382369HM MOLEX-ATS-6382369HM Datasheet
412Kb / 7P
Hand Crimp Tool for Mini KK Crimp Terminals
08-10-17
More results


Similar Description - ATS-6382364HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-6800 MOLEX11-63811-6800 Datasheet
41Kb / 1P
Hand Crimp Tool for Pin and Socket Crimp Terminals
0638236400 MOLEX11-0638236400 Datasheet
32Kb / 1P
Hand Tool for Solar Pin and Socket Crimp Terminal
63811-6800 MOLEX-63811-6800 Datasheet
300Kb / 6P
Hand Crimp Tool for MLX??Pin and Socket Crimp Terminals
03-28-08
ATS-638952800 MOLEX-ATS-638952800 Datasheet
326Kb / 5P
Mini-Mac Applicator for PV Solar Pin and Socket Crimp Terminals
01-03-12
63828-0900 MOLEX-63828-0900 Datasheet
1Mb / 7P
Hand Crimp Tool for .093 Pin and Socket Crimp Terminals
01-31-22
63828-1200 MOLEX-63828-1200 Datasheet
1Mb / 7P
Hand Crimp Tool for .093??Pin and Socket Crimp Terminals
06-19-20
63828-1400 MOLEX-63828-1400 Datasheet
1Mb / 7P
Hand Crimp Tool for .093 Pin and Socket Crimp Terminals
01-31-22
63828-1500 MOLEX-63828-1500 Datasheet
1Mb / 8P
Hand Crimp Tool for .093 Pin and Socket Crimp Terminals
01-31-22
63828-1700 MOLEX-63828-1700 Datasheet
1Mb / 8P
Hand Crimp Tool for .093??Pin and Socket Crimp Terminals
07-16-20
ATS-638281000 MOLEX-ATS-638281000 Datasheet
1Mb / 8P
Hand Crimp Tool for .093??Pin and Socket Crimp Terminals
12-18-17
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com