Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-6382379HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382379HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382379HM
Download  ATS-6382379HM Download
File Size   426.02 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 2.50mm Board-In Crimp Terminals

ATS-6382379HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382379HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382379HM
Download  ATS-6382379HM Click to download

File Size   426.02 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 2.50mm Board-In Crimp Terminals

ATS-6382379HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382379HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Modular Crimp Head is removable and can be use in the Air Powered Tool Order No.63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700).
Can also be used in the Battery Powered Tool Order No.63816-0200 (110 V) or 63816-0250 (220 V),
accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600).




Similar Part No. - ATS-6382379HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638237100 MOLEX-ATS-638237100 Datasheet
610Kb / 7P
Hand Crimp Tool For 1.80mm (.071?? PC Board Crimp Terminal
03-01-11
ATS-6382375HM MOLEX-ATS-6382375HM Datasheet
399Kb / 7P
Hand Crimp Tool for 2.50mm (.098) Wire-to-Board Crimp Terminals
10-14-10
More results


Similar Description - ATS-6382379HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-6600 MOLEX11-63823-6600 Datasheet
38Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals
63823-7900 MOLEX11-63823-7900 Datasheet
38Kb / 1P
Hand Crimp Tool for 2.50mm Board-In Crimp Terminals
63825-5200 MOLEX11-63825-5200 Datasheet
38Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals
63825-6900 MOLEX11-63825-6900 Datasheet
38Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals
0638271300 MOLEX11-0638271300 Datasheet
29Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals
63823-6600 MOLEX-63823-6600 Datasheet
416Kb / 7P
Hand Crimp Tool for Board-In Crimp Terminals
02-23-11
63825-5200 MOLEX-63825-5200 Datasheet
299Kb / 5P
Hand Crimp Tool for Board-In Crimp Terminals
04-01-14
ATS-6382713HM MOLEX-ATS-6382713HM Datasheet
316Kb / 5P
Hand Crimp Tool for Board-In Crimp Terminals
07-02-13
ATS-6382569HM MOLEX-ATS-6382569HM Datasheet
373Kb / 6P
Hand Crimp Tool for Board-In Crimp Terminals
07-25-12
0638237900 MOLEX-0638237900 Datasheet
30Kb / 1P
Hand Crimp Tool for 2.50mm Board-in Crimp Terminals
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com