Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP25A Datasheet (PDF) - Vishay Siliconix

RGP25A Datasheet PDF - Vishay Siliconix
Part # RGP25A_V01
Download  RGP25A Download
File Size   74.99 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Fast Switching Plastic Rectifier

RGP25A Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP25A Datasheet PDF - Vishay Siliconix

Part # RGP25A_V01
Download  RGP25A Click to download

File Size   74.99 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Fast Switching Plastic Rectifier

RGP25A Datasheet (HTML) - Vishay Siliconix


RGP25A Product details

FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Fast switching for high efficiency
• Low leakage current, typical IR less than 0.2 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For general purpose of medium frequency rectification.

MECHANICAL DATA
Case: DO-201AD, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: color band denotes cathode end




Similar Part No. - RGP25A_V01

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RGP25A DACHANG-RGP25A_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers
More results


Similar Description - RGP25A_V01

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4942GP GE-1N4942GP Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
RGP15A GE-RGP15A Datasheet
64Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
RMPG06A TAYCHIPST-RMPG06A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4947GP-E354 VISHAY-1N4947GP-E354 Datasheet
72Kb / 4P
Glass Passivated Junction Fast Switching Plastic Rectifier
11-Dec-13
RGP15M-E3 VISHAY-RGP15M-E3 Datasheet
72Kb / 4P
Glass Passivated Junction Fast Switching Plastic Rectifier
11-Dec-13
1N4933GP VISHAY-1N4933GP_V01 Datasheet
81Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
26-Jan-2022
1N4942GP VISHAY-1N4942GP_V01 Datasheet
79Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
05-Oct-2021
RGP10A VISHAY-RGP10A_V01 Datasheet
81Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
26-Jan-2022
RGP15A VISHAY-RGP15A_V01 Datasheet
75Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
06-Oct-2021
BA157GP VISHAY-BA157GP_V01 Datasheet
81Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
26-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com