Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1PB Datasheet (PDF) - Vishay Siliconix

RS1PB Datasheet PDF - Vishay Siliconix
Part # RS1PB_V01
Download  RS1PB Download
File Size   99.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier

RS1PB Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1PB Datasheet PDF - Vishay Siliconix

Part # RS1PB_V01
Download  RS1PB Click to download

File Size   99.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier

RS1PB Datasheet (HTML) - Vishay Siliconix


RS1PB Product details

FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated pellet chip junction
• Fast switching for high efficiency
• Low thermal resistance
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code; base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters, converters, and freewheeling diodes for
consumer, automotive and telecommunication.

MECHANICAL DATA
Case: SMP (DO-220AA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,.....)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Polarity: color band denotes the cathode end




Similar Part No. - RS1PB_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS1PB VISHAY-RS1PB Datasheet
84Kb / 4P
High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
19-Apr-11
RS1PB VISHAY-RS1PB Datasheet
489Kb / 4P
High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
21-Aug-13
More results


Similar Description - RS1PB_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S1PA VISHAY-S1PA Datasheet
153Kb / 2P
High Current Density Surface Mount Glass-Passivated Rectifiers
23-Sep-04
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RS1PB VISHAY-RS1PB Datasheet
84Kb / 4P
High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
19-Apr-11
S1PB VISHAY-S1PB Datasheet
89Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
19-Apr-11
S4PB VISHAY-S4PB Datasheet
96Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
19-Apr-11
S1PM-M3 VISHAY-S1PM-M3 Datasheet
89Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
14-Aug-13
RS1PG-M3 VISHAY-RS1PG-M3 Datasheet
489Kb / 4P
High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
21-Aug-13
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
S1PB VISHAY-S1PB_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Glass Passivated Rectifiers
15-Apr-2020
S4PB VISHAY-S4PB_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
13-Aug-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com