Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA19051BACTK/1 Datasheet (PDF) - NXP Semiconductors

TEA19051BACTK/1 Datasheet PDF - NXP Semiconductors
Part # TEA19051BACTK/1
Download  TEA19051BACTK/1 Download
File Size   431.83 Kbytes
Page   60 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS

TEA19051BACTK/1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA19051BACTK/1 Datasheet PDF - NXP Semiconductors

Part # TEA19051BACTK/1
Download  TEA19051BACTK/1 Click to download

File Size   431.83 Kbytes
Page   60 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS

TEA19051BACTK/1 Datasheet (HTML) - NXP Semiconductors


TEA19051BACTK/1 Product details

General description
The TEA19051BTK is a highly configurable secondary side SMPS controller that is
available in many factory configured versions. Section 15 gives an overview of the offthe-
shelf available versions of the TEA19051BTK. To inquire about the possibilities of
customer-specific versions, contact your local sales representative.
The TEA19051BTK supports the following protocols:
• USB Type-C v.1.3
• USB power delivery (USB-PD) including programmable power supply (PPS)
• Battery Charging 1.2 (BC1.2)
• Qualcomm® QuickCharge™ QC2.0, QC3.0, and QC4+
A complete smart-charging switch mode power supply (SMPS) can be built in
combination with the TEA193x primary controller and the TEA199x secondary side
synchronous rectifier (SR) controller.
The TEA19051BTK can be provided in several small packages with low pin count. Due
to its small number of external components, a small form factor SMPS can be built that
meets efficiency requirements like CoC Tier-2, EuP Iot6, and DOE v6 with an extremely
no-load power (< 30 mW).
The TEA19051BTK has a high level of digital integration. It incorporates all required
circuits, including a charge pump to drive an external NMOS load switch directly, a USBPD
physical interface (PHY), and an integrated driver for fast output discharge.
The output voltage and output current are continuously measured and are used to control
the SMPS. Two GPIO pins measure the adapter temperature and the temperature in the
cable/connector. Optionally, the GPIO pins can be used for other features, like supply
(see Table 4). The die temperature of the TEA19051BTK is monitored via an internal
temperature sensor.
Multiple protections ensure the best-in-class charging safety for the TEA19051BTK.
To ensure correct operation under all conditions, all protections except UVP are
implemented in hardware. The response of these protections can be programmed
as latched or safe restart. Although not recommended, these protections can also be
disabled individually via the settings in the non-volatile multi-time programmable (MTP)
memory.
If an output short circuit occurs, the power dissipation in the adapter can be below
50 mW.
For output voltage regulation, current regulation, and protection, only a single
optocoupler is required in the application.
The TEA19051BTK operates in CV mode with a better than 2 % voltage accuracy. In CC
mode, it operates with a better than 2 % full-load current accuracy.

Features and benefits
General
• Best-in-class fail-safe application for high-power adapters; gives complete protection
against overload conditions in the load (e.g. phone)
• Wide output voltage operating range (2.9 V to 21 V)
• Ultra-high efficiency together with TEA193x QR/DCM controller and TEA199x SR
controller
• Very low no-load power (< 30 mW for the complete system solution)
• High power density
• Dedicated SW pin to drive external NMOS directly
• Constant voltage (CV) and constant current (CC) control (programmable level)
• Precise voltage and current control with low minimum step size (voltage 12-bit DAC,
current 10-bit DAC)
• Continuous measurement of output voltage and output current with a better than 2 %
accuracy
• Low-cost HVSON16 package (suitable for reflow soldering)
• Low-cost bill of materials (BOM; ≈15 external components)
• Embedded MCU (with ROM, RAM, and MTP memory)
• Discharge pin for fast output voltage ramp down
• Built-in series regulator and programmable cable compensation
• Non-volatile MTP memory for storage of system configuration parameters

Protocol support
• USB Type-C v.1.3
• USB power delivery (USB-PD) 2.0 and 3.0 including programmable power supply
(PPS)
• Qualcomm® QuickCharge™ QC2.0, QC3.0, and QC4+ protocols
• Battery Charging 1.2 (BC 1.2)
• Unstructured vendor defined messages (VDMs), which can be used for MTP
programming, e.g. to get Vendor IDs

Protections
• Overtemperature protection (OTP): one internal and two external
• Adaptive overvoltage protection (OVP)
• Adaptive undervoltage protection (UVP)
• Overcurrent protection (OCP)
• Undervoltage lockout (UVLO) protection
• Output short protection (OSP)
• Open-supply protection (OSUP)
• Open-ground protection (OGP)
• Overvoltage protection DP, DM, CC1, and CC2 pins
• Soft short protection at the CC1 and CC2 pins
• Soft short protection at the output
To ensure safe operation, the TEA19051BTK switches off the load during fault
conditions.




Similar Part No. - TEA19051BACTK/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA19051BACTK NXP-TEA19051BACTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
More results


Similar Description - TEA19051BACTK/1

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49024 E-CMOS-EC49024 Datasheet
403Kb / 9P
QC 2.0 Interface Module
logo
Monolithic Power System...
MP5034 MPS-MP5034 Datasheet
1Mb / 15P
USB Charging Port Controller Integrating QC 3.0 Protocol
logo
NXP Semiconductors
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
logo
Fitipower Integrated Te...
FP6600Q FITIPOWER-FP6600Q Datasheet
401Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
FP6601Q FITIPOWER-FP6601Q Datasheet
491Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
SHOUDING Shouding Semic...
SFT430C SHOUDING-SFT430C Datasheet
1Mb / 6P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
logo
Tripp Lite. All Rights ...
U280-C02-63W-1B TRIPPLITE-U280-C02-63W-1B Datasheet
189Kb / 3P
Dual-Port USB Car Charger, 63W Max - USB-C PD 3.0 Up to 60W, USB-A QC 3.0 Up to 18W
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com