Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3641 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC3641 Datasheet PDF - Texas Instruments
Part # ADC3641
Download  ADC3641 Download
File Size   4960.64 Kbytes
Page   87 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC

ADC3641 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3641 Datasheet PDF - Texas Instruments

Part # ADC3641
Download  ADC3641 Click to download

File Size   4960.64 Kbytes
Page   87 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC

ADC3641 Datasheet (HTML) - Texas Instruments


ADC3641 Product details

1 Features
• Dual channel
• 14-bit 10/25/65 MSPS ADC
• Noise floor: –155 dBFS/Hz
• Ultra-low power with optimized power scaling:
29 mW/ch (10 MSPS) to 72 mW/ch (65 MSPS)
• Latency: 1 clock cycle
• 14-Bit, no missing codes
• INL: ±0.6 LSB; DNL: ±0.2 LSB
• Reference: external or internal
• Industrial temperature range: –40°C to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• DDR and Serial CMOS interface
• Small footprint: 40-VQFN (5 mm × 5 mm) package
• Single 1.8-V supply
• Spectral performance (fIN = 5 MHz):
– SNR: 79.0 dBFS
– SFDR: 93-dBc HD2, HD3
– SFDR: 101-dBFS worst spur
• Spectral performance (fIN = 64 MHz):
– SNR: 74.0 dBFS
– SFDR: 84-dBc HD2, HD3
– SFDR: 90-dBFS worst spur
2 Applications
• High-speed data acquisition
• Industrial monitoring
• Thermal imaging
• Imaging and sonar
• Software defined radio
• Power quality
• Communications infrastructure
• High-speed control loops
• Instrumentation
• Smart grids
• Spectroscopy
• Radar
• Source measurement unit (SMU)
• GPS receiver
• Sonar
• Substation automation
3 Description
The ADC364x family of devices are low-noise,
ultra-low power, 14-bit, 10-MSPS to 65-MSPS
dual-channel, high-speed analog-to-digital converters
(ADCs). Designed for low power consumption, these
devices deliver a noise spectral density of –155
dBFS/Hz, combined with excellent linearity and
dynamic range. The ADC364x offers very good dc
precision, together with IF sampling support, which
make the device an excellent choice for a wide range
of applications. High-speed control loops benefit from
the short latency of only one clock cycle. The ADC
consumes only 72 mW/ch at 65 MSPS, and power
consumption scales well with lower sampling rates.
The ADC364x use a DDR or serial CMOS interface to
output the data offering lowest power digital interface,
together with flexibility to minimize the number of
digital interconnects. These devices are a pin-to-pin
compatible family with different speed grades. These
devices support the extended industrial temperature
range of –40 to +105⁰C.




Similar Part No. - ADC3641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3641 TI-ADC3641 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3641 TI-ADC3641 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3641 TI-ADC3641 Datasheet
4Mb / 76P
ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
More results


Similar Description - ADC3641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3563 TI-ADC3563 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com