Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-6381175HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6381175HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6381175HM
Download  ATS-6381175HM Download
File Size   899.96 Kbytes
Page   12 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Tool Kit for KK Crimp Terminals

ATS-6381175HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6381175HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6381175HM
Download  ATS-6381175HM Click to download

File Size   899.96 Kbytes
Page   12 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Tool Kit for KK Crimp Terminals

ATS-6381175HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6381175HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Tool kits are easily installed into the Hand Crimp Tool or the 63816-0300 Power Crimp Head, which is installed
into the 63816-0200 (110 V) or the 63816-0250 (220 V) Battery Powered Tool
Many different Tool kits can be used with a single Battery Powered Tool
This tool is IPC/WHMA-A-620 Class 2 and RoHS compliant as indicated
Both black and gray locators are included with hand tool




Similar Part No. - ATS-6381175HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-6381170HM MOLEX-ATS-6381170HM Datasheet
665Kb / 9P
Tool Kit for Disk Drive Power Crimp Terminals
12-05-12
ATS-638117100 MOLEX-ATS-638117100 Datasheet
333Kb / 6P
Hand Tool for .093 Pin and Socket Crimp Terminals and Claspcon™ Crimp Terminal Socket
63811-7100
ATS-6381172HM MOLEX-ATS-6381172HM Datasheet
642Kb / 8P
Tool Kit for Sabre??Flat Blade Crimp Terminal
09-09-10
ATS-638117300 MOLEX-ATS-638117300 Datasheet
323Kb / 6P
Hand Crimp Tool for Sabre??Female Flat Blade Crimp Terminals
02-03-09
ATS-638117400 MOLEX-ATS-638117400 Datasheet
322Kb / 7P
Hand Crimp Tool for 3.96mm (.156) Pitch KK® Crimp Terminal
04-08-08
More results


Similar Description - ATS-6381175HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638237670 MOLEX11-0638237670 Datasheet
30Kb / 1P
Crimp Tool Kit for 0.60mm CP 0.6 Crimp Terminals
0638237770 MOLEX11-0638237770 Datasheet
31Kb / 1P
Crimp Tool Kit for 1.50mm CP 1.5 Crimp Terminals
0638237870 MOLEX11-0638237870 Datasheet
30Kb / 1P
Crimp Tool Kit for JAE MX19 Crimp Terminals
ATS-6381147HM MOLEX-ATS-6381147HM Datasheet
549Kb / 8P
Tool Kit for MLX Crimp Terminals
07-24-17
ATS-6381152HM MOLEX-ATS-6381152HM Datasheet
687Kb / 9P
Tool Kit for SPOX??Crimp Terminals
06-30-11
ATS-6381164HM MOLEX-ATS-6381164HM Datasheet
709Kb / 9P
Tool Kit for Pico-SPOX??Crimp Terminals
10-06-10
ATS-6382369HM MOLEX-ATS-6382369HM Datasheet
412Kb / 7P
Hand Crimp Tool for Mini KK Crimp Terminals
08-10-17
6382795HM MOLEX-6382795HM Datasheet
902Kb / 9P
Hand Crimp Tool For 3.96MM (.156) Pitch KK Crimp Terminals
02-16-18
6382803HM MOLEX-6382803HM Datasheet
775Kb / 7P
Hand Crimp Tool For 3.96MM (.156?? Pitch KK Crimp Terminals
2-27-18
638280300 MOLEX-638280300 Datasheet
775Kb / 7P
Hand Crimp Tool For 3.96MM (.156) Pitch KK Crimp Terminals
02-27-18
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com